Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF2484 Datasheet(PDF) 22 Page - OSRAM GmbH

Part # DF2484
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DF2484 Datasheet(HTML) 22 Page - OSRAM GmbH

Back Button DF2484 Datasheet HTML 18Page - OSRAM GmbH DF2484 Datasheet HTML 19Page - OSRAM GmbH DF2484 Datasheet HTML 20Page - OSRAM GmbH DF2484 Datasheet HTML 21Page - OSRAM GmbH DF2484 Datasheet HTML 22Page - OSRAM GmbH DF2484 Datasheet HTML 23Page - OSRAM GmbH DF2484 Datasheet HTML 24Page - OSRAM GmbH DF2484 Datasheet HTML 25Page - OSRAM GmbH DF2484 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 82 page
background image
2. Lamp data
21
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
Note:
The colour perception of a non-luminous colour therefore always depends on the
colour temperature of the illuminating lamp and colour rendering properties of this
lamp.
Example:
Blue tones will always appear brighter in the light from a lamp with a daylight colour
than in the light from a lamp with a warm white colour, even if both lamps have an Ra
value of 100.
2.3
Photometric
data
2.3.1 Light colours
The light colours of the lamps are divided into three groups, each covering a particular
colour temperature range.
Light colour
Colour temperature
Daylight
> 5000 K
Cool White
3300 - 5000 K
Warm White
< 3300 K
The light colour is determined by the x and y coordinates in the chromaticity table.
For practical purposes, it is important to know the colour rendering properties of the
lamps in addition to their light colour and colour temperature. These properties are
defined by the (general) colour rendering index Ra.
The colour rendering index (computed using the CIE method) provides an indication of
how non-luminous colours will appear when illuminated by the relevant light source.
Colour rendering is assessed by comparison with a Planckian radiator (< 5000 K) and
normalised daylight (
≥ 5000 K) of the same colour temperature. By definition, these
radiators have the ideal colour rendering index of 100. Any deviation from this ideal is
rated with values lower than 100.
The general colour rendering index Ra is the average value of eight different internatio-
nally standardised test colours (CIE).
There are various ranges for the Ra value, known as colour rendering groups:
Ra value
Group
(according to DIN 5035)
90 - 100
1A
Very good
80 - 89
1B
Very good
70 -79
2A
Good
60 - 69
2B
Good
40 - 59
3
Satisfactory
20 - 39
4
Unsatisfactory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com