Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF2484 Datasheet(PDF) 72 Page - OSRAM GmbH

Part # DF2484
Description  Economical long-life light sources with plug-in bases
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DF2484 Datasheet(HTML) 72 Page - OSRAM GmbH

Back Button DF2484 Datasheet HTML 68Page - OSRAM GmbH DF2484 Datasheet HTML 69Page - OSRAM GmbH DF2484 Datasheet HTML 70Page - OSRAM GmbH DF2484 Datasheet HTML 71Page - OSRAM GmbH DF2484 Datasheet HTML 72Page - OSRAM GmbH DF2484 Datasheet HTML 73Page - OSRAM GmbH DF2484 Datasheet HTML 74Page - OSRAM GmbH DF2484 Datasheet HTML 75Page - OSRAM GmbH DF2484 Datasheet HTML 76Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 82 page
background image
71
Economical long-life light sources with plug-in bases.
Compact Fluorescent Lamps OSRAM DULUX®
Technical Guide
9. European and international standards
9.1.3
Luminaires
(continued)
German
European
International
Luminaires for swimming pools and
DIN EN 60 598-2-18
EN 60 598-2-18
IEC 598-2-18
similar applications
VDE 0711 Part 218
Air-handling luminaires (safety
DIN EN 60 598-2-19
EN 60 598-2-19
IEC 598-2-19
requirements)
VDE 0711 Part 2-19
Lighting chains
DIN EN 60 598-2-20
EN 60 598-2-20
IEC 60598-2-20
VDE 0711 Part 2-20
Luminaires for emergency lighting
DIN EN 60 598-2-22
EN 60 598-2-22
IEC 598-2-22
VDE 0711 Part 2-22
Luminaires for use in clinical
DIN EN 60598-2-25
EN 60 598-2-25
IEC 598-2-25
areas of hospitals and health care
VDE 0711 Part 225
buildings
Electrical supply track systems
DIN EN 60570
EN 60 570
IEC 60570
for luminaires
VDE 0711 Part 300
Dental equipment
E DIN EN
pr EN ISO
ISO 9680
Dental operating light
ISO 9680
9680
Specifications for lighting fittings with
DIN VDE 0710
not yet
not yet
service voltages below 1000 V
available
available
General requirements
DIN VDE 0710
not yet
not yet
Part 1
1)
available
available
Special provisions for
DIN VDE 0710
not yet
not yet
lamps operatedunder
Part 4
1)
available
available
adverse conditions
Specificaltion rules for flush-fitting
DIN VDE 0710
not yet
not yet
signal-light fittings
Part 11
1)
available
available
Luminaires for aquariums
DIN VDE 0710
not yet
not yet
Part 12
1)
available
available
To ball throwing luminaires safety
DIN VDE 0710
not yet
not yet
Part 13
1)
available
available
Luminaires for building-in furniture
DIN VDE 0710
not yet
not yet
Part 14
1)
available
available
1)
Existing German standard for which there is currently no international counterpart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com