Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR736FV2T7 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STR736FV2T7
Description  ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR736FV2T7 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STR736FV2T7 Datasheet HTML 5Page - STMicroelectronics STR736FV2T7 Datasheet HTML 6Page - STMicroelectronics STR736FV2T7 Datasheet HTML 7Page - STMicroelectronics STR736FV2T7 Datasheet HTML 8Page - STMicroelectronics STR736FV2T7 Datasheet HTML 9Page - STMicroelectronics STR736FV2T7 Datasheet HTML 10Page - STMicroelectronics STR736FV2T7 Datasheet HTML 11Page - STMicroelectronics STR736FV2T7 Datasheet HTML 12Page - STMicroelectronics STR736FV2T7 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
STR73xFxx
Block diagram
9/52
Figure 2.
STR731F/STR736 block diagram
72 ports
GPIO PORTS 0-6
FLASH
PROGRAM MEMORY
64/128/256K
WATCHDOG
I2C0-1
WAKE-UP/INT (WIU)
UART0, 1, 2, 3
WAKE-UP TIMER
APB
BRIDGE 0
APB
BRIDGE 1
BSPI 0-2
RTC
CAN 0-2*
INTERRUPT CTL (EIC)
A/D CONVERTER (ADC)
POWER SUPPLY
PRCCU/PLL
RAM
16K
JTAG
ARM7TDMI
CPU
18 AF
8 AF
12 AF
12 AF
XTAL1
XTAL2
JTDI
JTCK
JTMS
JTRST
JTDO
RSTIN
V18
VDD
VSS
OSC
VREG
VDDA
VSSA
TIMER (TIM) 2-4
4 AF
AF: alternate function on I/O port pin
PWM 0-5
CLOCK MGT (CMU)
DMA0-3
TIMER (TIM) 0-1
8 AF
TIMER (TIM) 5
4 AF
6 AF
(WUT)
TIMEBASE TIMER
(TB) 0-2
AHB BUS
AHB
BRIDGE
6 AF
M0
M1
TEST
12 AF
*CAN peripherals not available on STR736F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com