Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR736FV2T7 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STR736FV2T7
Description  ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR736FV2T7 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STR736FV2T7 Datasheet HTML 14Page - STMicroelectronics STR736FV2T7 Datasheet HTML 15Page - STMicroelectronics STR736FV2T7 Datasheet HTML 16Page - STMicroelectronics STR736FV2T7 Datasheet HTML 17Page - STMicroelectronics STR736FV2T7 Datasheet HTML 18Page - STMicroelectronics STR736FV2T7 Datasheet HTML 19Page - STMicroelectronics STR736FV2T7 Datasheet HTML 20Page - STMicroelectronics STR736FV2T7 Datasheet HTML 21Page - STMicroelectronics STR736FV2T7 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
Block diagram
STR73xFxx
18/52
97
F9
P4.3/ICAPB8
I/O
TT
WUP27 2mA X X Port 4.3
TIM8: input capture B input
98
F8
P4.4/CAN2TX
I/O
TT
2mA X X Port 4.4
CAN2: transmit data output
99
E12
P4.5/CAN2RX
I/O
TT
WUP18 2mA X X Port 4.5
CAN2: receive data input
100 E11
72
P4.6/SCL1
I/O
TT
WUP19 2mA X X Port 4.6
I2C1: serial clock
101 C12
73
P4.7/SDA1
I/O
TT
2mA X X Port 4.7
I2C1: serial data
102 B12
P4.8/OCMPA8
I/O
TT
2mA X X Port 4.8
TIM8: output compare A output
103 E10
P4.9/ICAPB6
I/O
TT
2mA X X Port 4.9
TIM6: input capture B input
104
E9
74
P4.10/ICAPA6/I
CAPB5
I/O
TT
WUP20 2mA X X Port 4.10
TIM6: input
capture A input
(144-pin pkg
only)
TIM5: input
capture B
input
(TQFP100
only)
105 D12
P4.11/OCMPB
8
I/O
TT
2mA X X Port 4.11 TIM8: output compare B output
106 D11
P4.12/ICAPA9
I/O
TT
WUP21 2mA X X Port 4.12 TIM9: input capture A input
107 D10
P4.13/ICAPB9
I/O
TT
2mA X X Port 4.13 TIM9: input capture B input
108 C11
75
P4.14/SS1I/O
TT
2mA X X Port 4.14 BSPI1: slave select
109 B11
76
P4.15/SCK1
I/O
TT
WUP22 2mA X X Port 4.15 BSPI1: serial clock
110 B10
77
P5.0/MOSI1
I/O
TT
2mA X X Port 5.0
BSPI1: master output/slave
input
111 C10
78
P5.1/MISO1
I/O
TT
2mA X X Port 5.1
BSPI1: master input/Slave
output
112
A9
P5.2/OCMPA9
I/O
TT
2mA X X Port 5.2
TIM9: output compare A output
113
B9
P5.3/OCMPB9
I/O
TT
2mA X X Port 5.3
TIM9: output compare B output
114
C9
79
P5.4/SS2/PWM
3
I/O
TT
2mA X X Port 5.4
BSPI2: slave
select
PWM3: PWM
output
(TQFP100
only)
115
D9
80
P5.5/SCK2
I/O
TT
WUP23 2mA X X Port 5.5
BSPI2: serial clock
116 A11
81
P5.6/MOSI2
I/O
TT
2mA X X Port 5.6
BSPI2: master output/slave
input
117 A10
82
P5.7/MISO2
I/O
TT
2mA X X Port 5.7
BSPI2: master input/slave
output
118
A8
83
P5.8/PWM4
I/O
TT
INT6
2mA X X Port 5.8
PWM4: PWM output (TQFP100
only)
Table 4.
STR73xF pin description
Pin n°
Pin name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com