Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR736FV2T7 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STR736FV2T7
Description  ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR736FV2T7 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STR736FV2T7 Datasheet HTML 32Page - STMicroelectronics STR736FV2T7 Datasheet HTML 33Page - STMicroelectronics STR736FV2T7 Datasheet HTML 34Page - STMicroelectronics STR736FV2T7 Datasheet HTML 35Page - STMicroelectronics STR736FV2T7 Datasheet HTML 36Page - STMicroelectronics STR736FV2T7 Datasheet HTML 37Page - STMicroelectronics STR736FV2T7 Datasheet HTML 38Page - STMicroelectronics STR736FV2T7 Datasheet HTML 39Page - STMicroelectronics STR736FV2T7 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
Electrical parameters
STR73xFxx
36/52
Electromagnetic interference (EMI)
Based on a simple application running on the product (toggling 2 LEDs through the I/O
ports), the product is monitored in terms of emission. This emission test is in line with the
norm SAE J 1752/3 which specifies the board and the loading of each pin.
Absolute maximum ratings (electrical sensitivity)
Based on three different tests (ESD, LU and DLU) using specific measurement methods, the
product is stressed in order to determine its performance in terms of electrical sensitivity.
For more details, refer to the application note AN1181.
Electrostatic discharge (ESD)
Electrostatic discharges (a positive then a negative pulse separated by 1 second) are
applied to the pins of each sample according to each pin combination. The sample size
depends on the number of supply pins in the device (3 parts*(n+1) supply pin). Two models
can be simulated: human body model and machine model. This test conforms to the
JESD22-A114A/A115A standard.
Notes:
1.
Data based on characterization results, not tested in production.
Static and dynamic latch-up
●
LU: 3 complementary static tests are required on 10 parts to assess the latch-up
performance. A supply overvoltage (applied to each power supply pin) and a current
injection (applied to each input, output and configurable I/O pin) are performed on each
Table 20.
EMI data
Symbol
Parameter
Conditions
Monitored
frequency band
Max vs.
[fOSC4M/fMCLK]
Unit
6/36 MHz
8/8 MHz
SEMI
Peak level
VDD=5.0V,
TA=+25°C,
All packages
0.1 MHz to 30 MHz
23
30
dBµV
30 MHz to 130 MHz
37
34
130 MHz to 1 GHz
20
7
SAE EMI Level
4
3.5
-
Table 21.
ESD Absolute Maximum ratings
Symbol
Ratings
Conditions
Maximum
value 1)
Unit
VESD(HBM)
Electrostatic discharge voltage
(human body model)
TA=+25° C
2000
V
VESD(MM)
Electrostatic discharge voltage
(machine model)
200
VESD(CDM)
Electrostatic discharge voltage
(charge device model)
750 on corner
pins, 500 on
others



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com