Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR736FV2T7 Datasheet(PDF) 34 Page - STMicroelectronics

Part # STR736FV2T7
Description  ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR736FV2T7 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STR736FV2T7 Datasheet HTML 30Page - STMicroelectronics STR736FV2T7 Datasheet HTML 31Page - STMicroelectronics STR736FV2T7 Datasheet HTML 32Page - STMicroelectronics STR736FV2T7 Datasheet HTML 33Page - STMicroelectronics STR736FV2T7 Datasheet HTML 34Page - STMicroelectronics STR736FV2T7 Datasheet HTML 35Page - STMicroelectronics STR736FV2T7 Datasheet HTML 36Page - STMicroelectronics STR736FV2T7 Datasheet HTML 37Page - STMicroelectronics STR736FV2T7 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
Electrical parameters
STR73xFxx
34/52
4.3.3
Memory characteristics
Flash memory
1.
TA = -45° C after 0 cycles, Guaranteed by characterization, not tested in production.
2.
All bits programmed to 0.
3.
Guaranteed by design, not tested in production.
Table 18.
Flash memory characteristics
Symbol
Parameter
Test Conditions
Value
Unit
Min
Typ
Max1)
tWP
Word program (32-bit)
35
80
μs
tDWP
Double word program(64-bit)
64
150
μs
tBP64
Bank program (64 K)
Double word program
0.5
1.25
s
tBP128
Bank program (128 K)
Double word program
1
2.5
s
tBP256
Bank program (256 K)
Double word program
2
4.9
s
tSE8
Sector erase (8 K)
Not preprogrammed
Preprogrammed 2)
0.6
0.5
0.9
0.8
s
tSE32
Sector erase (32 K)
Not preprogrammed
Preprogrammed2)
1.1
0.8
2
1.8
s
tSE64
Sector erase (64 K)
Not preprogrammed
preprogrammed 2)
1.7
1.3
3.7
3.3
s
tRPD
3)
Recovery from power-down
20
μs
tPSL
3)
Program suspend latency
10
μs
tESL
3)
Erase suspend latency
30
μs
tESR
3)
Erase suspend rate
Min. time from erase
resume to next erase
suspend
20
20
ms
tSP
3)
Set protection
40
170
µs
tFPW
3)
First word program
1
ms
NEND
Endurance
10
kcycles
tRET
Data retention
TA = 85° C
20
Years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com