Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR736FV2T7 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STR736FV2T7
Description  ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR736FV2T7 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STR736FV2T7 Datasheet HTML 26Page - STMicroelectronics STR736FV2T7 Datasheet HTML 27Page - STMicroelectronics STR736FV2T7 Datasheet HTML 28Page - STMicroelectronics STR736FV2T7 Datasheet HTML 29Page - STMicroelectronics STR736FV2T7 Datasheet HTML 30Page - STMicroelectronics STR736FV2T7 Datasheet HTML 31Page - STMicroelectronics STR736FV2T7 Datasheet HTML 32Page - STMicroelectronics STR736FV2T7 Datasheet HTML 33Page - STMicroelectronics STR736FV2T7 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
Electrical parameters
STR73xFxx
30/52
Main oscillator characteristics
VDD = 5 V ± 10%, TA = -40° C to TAmax, unless otherwise specified.
Table 14.
Main oscillator characteristics
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
fOSC
Oscillator frequency
4
8
MHz
gm
Oscillator
transconductance
1.5
4.2
mA/V
VOSC
1)
Oscillation amplitude
fOSC = 4 MHz, TA= 25
o C-
2.4
-
V
fOSC = 8 MHz, TA= 25
o C1.-
VAV
1)
Oscillator operating
point
Sine wave middle, TA= 25
o C
-
0.77
-
V
tSTUP
1)
Oscillator start-up time
External crystal, VDD = 5.5 V,
fOSC = 4 MHz, TA=-40
o C
--
12
ms
External crystal, VDD = 5.0 V,
fOSC = 4 MHz, TA=25
o C
-5.5
-
ms
External crystal, VDD = 5.5 V,
fOSC = 6 MHz, TA=-40
o C
--
8
ms
External crystal, VDD = 5.0 V,
fOSC = 6 MHz, TA=25
o C
-3.3
-
ms
External crystal, VDD = 5.5 V,
fOSC = 8 MHz, TA=-40
o C
--
7
ms
External crystal, VDD = 5.0 V,
fOSC = 8 MHz, TA= 25
o C
-2.7
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com