Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR736FV2T7 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STR736FV2T7
Description  ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR736FV2T7 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STR736FV2T7 Datasheet HTML 21Page - STMicroelectronics STR736FV2T7 Datasheet HTML 22Page - STMicroelectronics STR736FV2T7 Datasheet HTML 23Page - STMicroelectronics STR736FV2T7 Datasheet HTML 24Page - STMicroelectronics STR736FV2T7 Datasheet HTML 25Page - STMicroelectronics STR736FV2T7 Datasheet HTML 26Page - STMicroelectronics STR736FV2T7 Datasheet HTML 27Page - STMicroelectronics STR736FV2T7 Datasheet HTML 28Page - STMicroelectronics STR736FV2T7 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
STR73xFxx
Electrical parameters
25/52
4.3.1
Supply current characteristics
The current consumption is measured as described in Figure 6 and Figure 7.
Total current consumption
The MCU is placed under the following conditions:
●
All I/O pins in input mode with a static value at VDD or VSS (no load)
●
All peripherals are disabled except if explicitly mentioned.
Subject to general operating conditions for VDD, and TA.
Table 10.
Total current consumption
1.
Typical data are based on TA=25° C, VDD=5 V
2.
Data based on characterization results, tested in production at VDD max. and TA = 25° C.
3.
I/O in static configuration (not toggling). RUN mode is almost independent of temperature. On the
contrary RUN mode current is highly dependent on the application. The IDDRUN value can be
significantly reduced by the application in the following ways: switch-off unused peripherals (default),
reduce peripheral frequency through internal prescaler, fetch the most frequently-used functions from RAM
and use low power mode when possible.
Symbol
Parameter
Conditions
Typ 1)
Max 2) Unit
IDD
RUN mode3)
Formula, fMCLK in MHz, RAM execution
7 + 1.9 fMCLK
mA
fMCLK = 36 MHz, RAM execution
76
mA
fMCLK = 36 MHz, Flash execution
86
mA
WFI mode
fOSC = 4 MHz, fMCLK= fOSC/16 = 250 kHz
Main voltage regulator ON,
LP voltage regulator = 2 mA,
RTC and WDG on, other modules off.
6.7
8
mA
LPWFI mode
fRC = high frequency (CMU_RCCTL= 0x8),
fMCLK= fRC /16,
LP voltage regulator = 2 mA,
other modules off.
220
350
µA
STOP mode
fOSC = 4 MHz, RC oscillator on
fRC = high frequency (CMU_RCCTL= 0x0)
LP voltage regulator = 6 mA,
RTC and WUT ON, other modules off.
Internal wake-up possible.
500
700
µA
fRC = high frequency (CMU_RCCTL= 0xF),
LP voltage regulator = 2mA.
WUT ON, other modules off.
Internal wake-up possible.
150
220
LP voltage regulator = 2 mA, WIU on, Other
modules off,
external wake-up.
50
140
HALT mode
LP voltage regulator = 2 mA.
50
140
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com