Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STR736FV2T7 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STR736FV2T7
Description  ARM7TDMI??32-bit MCU with Flash, 3x CAN, 4 UARTs, 20 timers, ADC, 12 comm. interfaces
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR736FV2T7 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STR736FV2T7 Datasheet HTML 13Page - STMicroelectronics STR736FV2T7 Datasheet HTML 14Page - STMicroelectronics STR736FV2T7 Datasheet HTML 15Page - STMicroelectronics STR736FV2T7 Datasheet HTML 16Page - STMicroelectronics STR736FV2T7 Datasheet HTML 17Page - STMicroelectronics STR736FV2T7 Datasheet HTML 18Page - STMicroelectronics STR736FV2T7 Datasheet HTML 19Page - STMicroelectronics STR736FV2T7 Datasheet HTML 20Page - STMicroelectronics STR736FV2T7 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
STR73xFxx
Block diagram
17/52
73
M12
51
P3.6/AIN6
I/O
TT
2mA X X Port 3.6
ADC: analog input 6
(AIN2 in TQFP100)
74
L11
52
P3.7/AIN7
I/O
TT
2mA X X Port 3.7
ADC: analog input 7
(AIN3 in TQFP100)
75
K11
53
VSSA
S
Reference ground for A/D converter
76
K10
54
VDDA
S
Reference voltage for A/D converter
77
J12
55
P3.8/AIN8
I/O
TT
2mA X X Port 3.8
ADC: analog input 8
(AIN4 in TQFP100)
78
J11
56
P3.9/AIN9
I/O
TT
2mA X X Port 3.9
ADC: analog input 9
(AIN5 in TQFP100)
79
L12
57
P3.10/AIN10
I/O
TT
2mA X X Port 3.10
ADC: analog input 10
(AIN6 in TQFP100)
80
K12
58
P3.11/AIN11
I/O
TT
2mA X X Port 3.11
ADC: analog input 11
(AIN7 in TQFP100)
81
J10
59
P3.12/AIN12
I/O
TT
INT2
2mA X X Port 3.12
ADC: analog input 12
(AIN8 in TQFP100)
82
J9
60
P3.13/AIN13
I/O
TT
INT3
2mA X X Port 3.13
ADC: analog input 13
(AIN9 in TQFP100)
83
H12
61
P3.14/AIN14
I/O
TT
INT4
2mA X X Port 3.14
ADC: analog input 14
(AIN10 in TQFP100)
84
H11
62
P3.15/AIN15
I/O
TT
INT5
2mA X X Port 3.15
ADC: analog input 15
(AIN11 in TQFP100)
85
H10
63
VDD
S
Supply voltage (5 V)
86
H9
64
VSS
S
Ground
87
G12
65
JTRST
I
TT pu
JTAG reset Input
88
F12
66
JTDI
I
TT pu
JTAG data input
89
H8
67
JTMS
I
TT pu
JTAG mode selection Input
90
G11
68
JTCK
I
TT pd
JTAG clock Input
91
G10
69
JTDO
O
4mA
JTAG data output.
Note: Reset state = HiZ
92
G9
70
VSS
S
Ground
93
G8
71
VDD
S
Supply voltage (5 V)
94
G7
P4.0/ICAPA7
I/O
TT
WUP24 2mA X X Port 4.0
TIM7: input capture A input
95
F11
P4.1/ICAPB7
I/O
TT
WUP25 2mA X X Port 4.1
TIM7: input capture B input
96
F10
P4.2/ICAPA8
I/O
TT
WUP26 2mA X X Port 4.2
TIM8: input capture A input
Table 4.
STR73xF pin description
Pin n°
Pin name
Input
Output
Main
function
(after
reset)
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com