Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST52T301 Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 65Page - STMicroelectronics ST52T301 Datasheet HTML 66Page - STMicroelectronics ST52T301 Datasheet HTML 67Page - STMicroelectronics ST52T301 Datasheet HTML 68Page - STMicroelectronics ST52T301 Datasheet HTML 69Page - STMicroelectronics ST52T301 Datasheet HTML 70Page - STMicroelectronics ST52T301 Datasheet HTML 71Page - STMicroelectronics ST52T301 Datasheet HTML 72Page - STMicroelectronics ST52T301 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
IRQP
Interrupt Priority
Format:
IRQP cost
Operation:
interrupt priority register <- cost
Description: The interrupts priority is set according the specified values.
Flags:
Z,S not affected.
Bytes:
2
Cycles:
6
Example:
The instruction:
IRQP 198
1011|1111 11|00|01|10
determines the interrupt 2 to have highest priority, interrupt 1 medium priority and inter-
rupt 0 lower priority.
Remark:
each couples of bits must have different values, that is interrupts must have different
priority level.enables the interrupts 1 and 3 and disables all the others.
69/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100