| Electronic Components Datasheet Search |
|
ST52T301 Datasheet(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST52T301 Datasheet(HTML) 44 Page - STMicroelectronics |
|
44 / 100 page ![]() 9.2 SCI TRANSMITTER BLOCK The SCI Transmitter Block consists of the following underblocks: SCDR_TX and SHIFT REGISTER, synchronized, respectively, with the clock master signal (CKM) and the CLOCK_TX. The whole block receives through Configuration Register 3 (M bits) the settings for the following transmission modes (see table 9.1): 8-bit word and a single stop signal 8-bit word plus a paritybit and a singlestop signal 8-bit word plus a double stop signal 9-bit word In case of 9 bit frame transmission, the most significat ive bit arrives through T8 of th e Configuration Register 3. In an 8-bit transmission, instead, T8 is used to configure the SCI, according to informat ion containedin M (see table 9.1):in particularto chose the polarity control (even or odds) to implement the parity check. After a RESET signal, RST, the SCDR_TX block is in IDLE state until it receivesenabling signal, TE=1, of Configuration Register 3. If TE=1, using STX instruction the data, to be transmitted, are transferred from Register File to SCDR_TX block and the flag of Input Register 8, TXEM, is reset to 0, to indicate SCDR_TX block is full. If the core supplies a new data, this could not be loaded in the SCDR_TX block until the current data has not been unloaded on the Shift Register block. This means that only when TXEM is 1, it is possible to load data in the SCDR_TX Block. When the SHIFT REGISTER Block loads the data to be transmitted on an internal buffer, TXEND is reset to 0 to indicate the beginning of a new transmission. At the end of transmission TXEND is set to 1, allowing to load in the SHIFT REGISTER a new data coming from SCDR_TX. It is important to underline that TXEND = 1 does not mean SCDR_TX is ready to receivea newdata. For this reason it is better to utilise the TXEM signal to synchronize the STX instruction to the SCI TRANSMITTER block If ST52x301 core resets TE to 0, the transmission is inte rrupted, but the SCI Transmitter block completes the transmission in progress before to reset. 9.3 Baud Rate Generator Block The Baud Rate Generator Block performs the division of the clock master signal (CKM), in a set of synchronism frequencies for the serial bit reception/transmission on the external line. Table 9.1. shows the set of frequenciesselected by means of BRSL (Configuration Register 3). Reception frequency (CLOCK_RX) is 16 times higher than transmission frequency (CLOCK_TX) . If BRSL is equal to 111, CLOCK_RX and CLOCK_TX signals coincide with clock master, CKM. Figure 9.3. SCI Status Input Register 44/99 ST52T301/E301 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |