Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST52T301 Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST52T301
Description  8-Bit OTP/EPROM DuaLogic] MCUs WITH ADC, UART, TIMER, TRIAC & PWM DRIVER
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T301 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST52T301 Datasheet HTML 57Page - STMicroelectronics ST52T301 Datasheet HTML 58Page - STMicroelectronics ST52T301 Datasheet HTML 59Page - STMicroelectronics ST52T301 Datasheet HTML 60Page - STMicroelectronics ST52T301 Datasheet HTML 61Page - STMicroelectronics ST52T301 Datasheet HTML 62Page - STMicroelectronics ST52T301 Datasheet HTML 63Page - STMicroelectronics ST52T301 Datasheet HTML 64Page - STMicroelectronics ST52T301 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 100 page
background image
ADD
Addition
Format:
ADD regi, regj
Operation:
regi <- regi + regj
Description: The contents of the Register File j-th register specified as source is added to the destina-
tion i-th register, leaving the result in the destination register. The result is 255 if overflow
occurs.
Flags:
Z set if result is zero, cleared otherwise.
S set if overflow, cleared otherwise.
Bytes:
2
Cycles:
7
Example:
If the register 4 contains the value 45 and the register 11 contains the value 15, then the
instruction
ADD 4,11
1001000
0100|1011
causes the register 4 of the Register File to be loaded with the value 60.
If the register 4 contains the value 200 and the register 11 contains the value 100, the in-
struction causes the register 4 to be loaded with the value 44 (result-256) and the S flag
to be set
INSTRUCTION SET
61/99
ST52T301/E301



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100