Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4601B Datasheet(PDF) 12 Page - STMicroelectronics

Part # TS4601B
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TS4601B Datasheet HTML 8Page - STMicroelectronics TS4601B Datasheet HTML 9Page - STMicroelectronics TS4601B Datasheet HTML 10Page - STMicroelectronics TS4601B Datasheet HTML 11Page - STMicroelectronics TS4601B Datasheet HTML 12Page - STMicroelectronics TS4601B Datasheet HTML 13Page - STMicroelectronics TS4601B Datasheet HTML 14Page - STMicroelectronics TS4601B Datasheet HTML 15Page - STMicroelectronics TS4601B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
Electrical characteristics
TS4601B
12/28
Figure 20.
THD+N vs. output power
Figure 21.
THD+N vs. output power
1
10
100
0.01
0.1
1
10
F=80Hz
F=1kHz
F=8kHz
RL = 32
Ω
Vcc = 5V
G = 4dB
Inputs = 0
°
Left & Right
BW < 30kHz
Tamb = 25
°C
Output Power (mW)
1
10
100
0.01
0.1
1
10
F=80Hz
F=1kHz
F=8kHz
RL = 32
Ω
Vcc = 5V
G = 4dB
Inputs = 180
°
Left & Right
BW < 30kHz
Tamb = 25
°C
Output Power (mW)
Figure 22.
THD+N vs. output power
Figure 23.
THD+N vs. output power
1
10
100
0.01
0.1
1
10
F=80Hz
F=1kHz
F=8kHz
RL = 32
Ω
Vcc = 3.6V
G = 4dB
Inputs = 0
°
Left & Right
BW < 30kHz
Tamb = 25
°C
Output Power (mW)
1
10
100
0.01
0.1
1
10
F=80Hz
F=1kHz
F=8kHz
RL = 32
Ω
Vcc = 3.6V
G = 4dB
Inputs = 180
°
Left & Right
BW < 30kHz
Tamb = 25
°C
Output Power (mW)
Figure 24.
THD+N vs. output power
Figure 25.
THD+N vs. output power
1
10
100
0.01
0.1
1
10
F=80Hz
F=1kHz
F=8kHz
RL = 32
Ω
Vcc = 2.9V
G = 4dB
Inputs = 0
°
Left & Right
BW < 30kHz
Tamb = 25
°C
Output Power (mW)
1
10
100
0.01
0.1
1
10
F=80Hz
F=1kHz
F=8kHz
RL = 32
Ω
Vcc = 2.9V
G = 4dB
Inputs = 180
°
Left & Right
BW < 30kHz
Tamb = 25
°C
Output Power (mW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com