Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4601B Datasheet(PDF) 19 Page - STMicroelectronics

Part # TS4601B
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TS4601B Datasheet HTML 15Page - STMicroelectronics TS4601B Datasheet HTML 16Page - STMicroelectronics TS4601B Datasheet HTML 17Page - STMicroelectronics TS4601B Datasheet HTML 18Page - STMicroelectronics TS4601B Datasheet HTML 19Page - STMicroelectronics TS4601B Datasheet HTML 20Page - STMicroelectronics TS4601B Datasheet HTML 21Page - STMicroelectronics TS4601B Datasheet HTML 22Page - STMicroelectronics TS4601B Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
TS4601B
Application information
19/28
Figure 51.
I²C read operations
4.2.2
Control registers
The TS4601B can be set to standby in two different ways:
A master standby from an MCU using SDZ input, can set the TS4601B in master
standby. The lowest current consumption (Istby=2 µA maximum) is achieved with a 0 V
on SDZ. At 0.63 V, Istby is 20 µA maximum. Note that the SDZ input has a
600 k
Ω +/-20% pull-down resistor. If VSDZ > 0 V, an additional current consumption
has to be taken into consideration and provided by the MCU IO. This additional current
is VSDZ/600kΩ (+/-20%). During master standby mode, amplifiers, power management
and I2C part are disabled thus offering the most current-saving standby mode.
The TS4601B can also be set to I²C standby by an I²C command. In this case the Istby
is slightly higher and is Istby=75 µA maximum (including current consumption on SDA
and SCL inputs).
When the TS4601B is in Master standby or I²C standby mode (on one or both channels), the
corresponding amplifier output is forced to ground through a 16
Ω resistor. In mode 5, in
which amplifiers are inactive but the power management part is active, the amplifier outputs
are in high impedance state to allow line in function.
SDA
S
11
0
0
0
1
A
0
0
D7
D0
D7
D0
D7
A
P
Start condition
SLAVE ADDRESS
CONTROL REGISTERS
R/W
Acknowledge
from Slave
Acknowledge
Stop
condition
D0
D7
D0
D7
D0
CR0
CR1
CR2
CR3
CR4
A
A
A
A
SDA
S
11
0
0
0
1
A
A
0
0
D7
D0
D7
D0
D7
A
P
Start condition
SLAVE ADDRESS
CONTROL REGISTERS
R/W
R/W
Acknowledge
from Slave
Acknowledge
Stop
condition
D0
D7
D0
D7
D0
CR0
CR1
CR2
CR3
CR4
A
A
A
A
A
A
A
A
Table 10.
Output mode configuration - CR1
Modes register
Headphone output
Left
Headphone output
Right
Negative supply
and regulators
0
0
0
Mode 1: standby
SD(1)
SD
SD
0
0
1
Mode 2: channel R
SD
GxINR
ON
0
1
0
Mode 3: channel L
GxINL
SD
ON
0
1
1
Mode 4: on
GxINL
GxINR
ON
1
0
0
Mode 5: Line-in mode
SD
SD
ON
1
0
1
Mode 6: standby
SD
SD
SD
1
1
0
Mode 7: standby
SD
SD
SD
1
1
1
Mode 8: standby
SD
SD
SD
1.
SD: shutdown,I NR: audio input right, INL: audio input left, G: gain for channel R and channel L, ON: when a function is
active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com