Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4601B Datasheet(PDF) 24 Page - STMicroelectronics

Part # TS4601B
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601B Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TS4601B Datasheet HTML 20Page - STMicroelectronics TS4601B Datasheet HTML 21Page - STMicroelectronics TS4601B Datasheet HTML 22Page - STMicroelectronics TS4601B Datasheet HTML 23Page - STMicroelectronics TS4601B Datasheet HTML 24Page - STMicroelectronics TS4601B Datasheet HTML 25Page - STMicroelectronics TS4601B Datasheet HTML 26Page - STMicroelectronics TS4601B Datasheet HTML 27Page - STMicroelectronics TS4601B Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
Application information
TS4601B
24/28
4.7
Single-ended input configuration
The TS4601B can be used in single-ended input configuration. InR- and InL- must be
shorted to ground through input capacitors. All Cin capacitors must have the same value to
keep the same PSRR performance as in differential input configuration. Figure 52 shows an
example.
Figure 52.
Typical application schematics for the TS4601B in single-ended input
The gain in this configuration is given by:
or:
Cs
1uF
C12
1uF
Css
2.2uF
Cs
1uF
Gnd
Gnd
Gnd
Gnd
Gnd
Rout
12 ohms min.
Cout
0.8nF min.
Gnd
Cin
2.2uF
Cin
2.2uF
Cin
2.2uF
Cin
2.2uF
Gnd
Gnd
Vcc
Vcc
Rout
12 ohms min.
Cout
0.8nF min.
Gnd
I2C Bus
Master Standby Command
Right Input
Left Input
Headphone / Line Out
+
-
+
-
I2C
Negative
Supply
Negative
Reg
Positive
Reg
PVcc
Gnd
C1
C2
SDA
SCL
Vcc
InL-
InL+
InR+
InR-
VoutL
VoutR
CMS
PVss
B4
B3
B2
B1
A4
A3
A2
A1
C4
C3
C2
C1
D4
D3
D2
D1
SDZ
TS4601
Gain dB
()
20
V
outL
V
inputLeft
-------------------------
⎝⎠
⎛⎞
log
=
Gain dB
()
20
V
outR
V
inputRight
----------------------------
⎝⎠
⎛⎞
log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com