Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4601B Datasheet(PDF) 22 Page - STMicroelectronics

Part # TS4601B
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601B Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TS4601B Datasheet HTML 18Page - STMicroelectronics TS4601B Datasheet HTML 19Page - STMicroelectronics TS4601B Datasheet HTML 20Page - STMicroelectronics TS4601B Datasheet HTML 21Page - STMicroelectronics TS4601B Datasheet HTML 22Page - STMicroelectronics TS4601B Datasheet HTML 23Page - STMicroelectronics TS4601B Datasheet HTML 24Page - STMicroelectronics TS4601B Datasheet HTML 25Page - STMicroelectronics TS4601B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
Application information
TS4601B
22/28
4.3
Wake-up and standby time definition
The wake-up time of the TS4601B is guaranteed at 12 ms typical (refer to Section 3.1:
Electrical characteristics tables on page 6). However, as the TS4601B is activated with an
I2C bus, the wake-up start procedure is as follows:
1.
The master sends a start bit
2.
The master sends the address.
3.
The slave (TS4601B) answers by an acknowledge.
4.
The master sends the output mode configuration (CR1).
5.
If the TS4601B was in I2C standby (mode 1, 6, 7), the wake-up starts on the falling
edge of the eighth clock signal (SCL) corresponding to CR1 byte.
6.
12 ms after (de-pop sequence time), the TS4601B outputs are operational.
The standby time is guaranteed as 10 µs typical (refer to Section 3.1: Electrical
characteristics tables on page 6). However, as the TS4601B is de-activated with an I2C bus,
the standby time operates as follows:
1.
The master sends a start bit
2.
The master sends the address.
3.
The slave (TS4601B) answers by an acknowledge.
4.
The master sends the output mode configuration (CR1) and in this case it corresponds
to mode 1, 6, 7.
5.
The standby time starts on the falling edge of the eighth clock signal (SCL)
corresponding to CR1 byte.
6.
After 10 µs, the TS4601B is in standby mode.
4.4
Decoupling considerations
The TS4601B needs two decoupling capacitors for the positive power supply (battery) and
two capacitors for normal operation of the internal negative supply (refer to Figure 1: Typical
application schematics for the TS4601B on page 4). These capacitors must be placed as
close as possible of the TS4601B to minimize parasitic inductance and resistance that have
a negative impact on audio performance.
Two decoupling capacitors (Cs) of 1 µF and low ESR are recommended for positive power
supply decoupling. Packages like the 0402 or 0603 are also recommended because the
placement close to TS4601B is easier. X5R dielectric for capacitor tolerance behavior and
10 V DC rating voltage for 5 V operation or 6.3 V DC rating operation for 3.6 V operation to
take into consideration the
ΔC/ΔV variation of this type of dielectric.
Two decoupling capacitors (C12 and Css) of respectively 1 µF and 2.2 µF and low ESR are
recommended for internal negative power supply decoupling. Packages like the 0402 or
0603 are also recommended because the placement close to TS4601B is easier. X5R
dielectric for capacitor tolerance behavior and 10 V DC rating voltage for 5 V operation or
6.3 V DC rating operation for 3.6 V operation to take into consideration the
ΔC/ΔV variation
of this type of dielectric.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com