Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4601B Datasheet(PDF) 21 Page - STMicroelectronics

Part # TS4601B
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601B Datasheet(HTML) 21 Page - STMicroelectronics

Back Button TS4601B Datasheet HTML 17Page - STMicroelectronics TS4601B Datasheet HTML 18Page - STMicroelectronics TS4601B Datasheet HTML 19Page - STMicroelectronics TS4601B Datasheet HTML 20Page - STMicroelectronics TS4601B Datasheet HTML 21Page - STMicroelectronics TS4601B Datasheet HTML 22Page - STMicroelectronics TS4601B Datasheet HTML 23Page - STMicroelectronics TS4601B Datasheet HTML 24Page - STMicroelectronics TS4601B Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
TS4601B
Application information
21/28
In the volume register, MUTE_L, and MUTE_R are dedicated bits to enable the mute
independently from the channel. When MUTE_L, MUTE_R are set to VIH, the mute function
is enabled on the corresponding channel. When MUTE_L, MUTE_R are set to VIL, the gain
level is applied to the channel.
Control register CR0
Amplifier output short-circuit detection:
The outputs of the amplifier are protected against short-circuits that might occur accidentally
during manipulation of the device. In the typical application, if a short-circuit arises on the
jack plug, there is no detection due to the serial resistor present on the amplifier output, thus
the output current threshold is not reached.
To be active, the detection has to occur directly on the amplifier output with a signal
modulation on the inputs of the TS4601B.
If a short-circuit is detected on one channel, a flag is raised in the I²C read register CR0.
SC_L: equals 0 during normal operation, equals 1 when a short-circuit is detected on
the left channel
SC_R: equals 0 during normal operation, equals 1 when a short-circuit is detected on
the right channel
The corresponding channel output stage is then set to high impedance mode. An I²C read
command allows the reading of the SC_L and SC_R flags but does not reset them. An I²C
write command has to be sent to reset the flags to 0 and restore normal operation.
When the TS4601B is in I²C standby mode, the SC_L and SC_R flags are in an
undetermined state.
Thermal shutdown protection:
A thermal shutdown protection is implemented to protect the device from overheating. If the
temperature rises above the thermal junction of 150°C, the device is put into standby mode
and a flag is raised in the read register CR0.
T_SH: equals 0 during normal operation, equals 1 when a thermal shutdown is
detected.
When the temperature decreases to safe levels, the circuit switches back to normal
operation and the corresponding flag is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com