Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4601B Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS4601B
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS4601B Datasheet HTML 12Page - STMicroelectronics TS4601B Datasheet HTML 13Page - STMicroelectronics TS4601B Datasheet HTML 14Page - STMicroelectronics TS4601B Datasheet HTML 15Page - STMicroelectronics TS4601B Datasheet HTML 16Page - STMicroelectronics TS4601B Datasheet HTML 17Page - STMicroelectronics TS4601B Datasheet HTML 18Page - STMicroelectronics TS4601B Datasheet HTML 19Page - STMicroelectronics TS4601B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Electrical characteristics
TS4601B
16/28
Figure 44.
Crosstalk vs. frequency
Figure 45.
Crosstalk vs. frequency
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
Right to Left
20k
20
Left to Right
G = 4dB
Vcc = 2.9V
Pout = 40mW
RL = 16
Ω
Tamb = 25
°C
Frequency (Hz)
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
Right to Left
20k
20
Left to Right
G = 4dB
Vcc = 2.9V to 5.5V
Vout = 1.6Vrms
RL = RC network + 10k
Ω
Tamb = 25
°C
Frequency (Hz)
Figure 46.
Common mode response vs.
frequency
Figure 47.
THD+N vs. input voltage. Line in
mode 5
100
1000
10000
-80
-70
-60
-50
-40
-30
-20
-10
0
20k
20
Vcc=2.9V to 5.5V
V
CMS
= 20mVrms
G = All gains
Left & Right
RL
16Ω
Tamb = 25
°C
Frequency (Hz)
1E-3
0.01
0.1
1
1E-4
1E-3
0.01
0.1
1
10
Reference F=80Hz, 1kHz, 8kHz
Line In F=80Hz, 1kHz, 8kHz
Mode 5
Vcc = 2.9V to 5.5V
Zout generator = 1k
Ω
BW < 30kHz, Tamb = 25
°C
Input Voltage (Vrms)
Figure 48.
Input impedance vs. frequency.
Line in mode 5
Figure 49.
Gain vs. frequency
0.1
1
10
100
1000
10000
0.1
1
10
Mode 5
Vcc = 2.9V to 5.5V
Vin = 1Vrms
Tamb = 25
°C
Frequency (kHz)
10
100
1000
10000
100000
-10
-8
-6
-4
-2
0
2
4
RL=RC network+10k
Ω, Vo=1Vrms
RL=16
Ω, Po=20mW
Vcc = 2.9V to 5.5V
G = 0dB
Cin = 4.7
μF
Left & Right
Tamb = 25
°C
Frequency (Hz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com