Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4601B Datasheet(PDF) 20 Page - STMicroelectronics

Part # TS4601B
Description  High performance stereo headphone amplifier with capacitorless outputs and I2C bus interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4601B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TS4601B Datasheet HTML 16Page - STMicroelectronics TS4601B Datasheet HTML 17Page - STMicroelectronics TS4601B Datasheet HTML 18Page - STMicroelectronics TS4601B Datasheet HTML 19Page - STMicroelectronics TS4601B Datasheet HTML 20Page - STMicroelectronics TS4601B Datasheet HTML 21Page - STMicroelectronics TS4601B Datasheet HTML 22Page - STMicroelectronics TS4601B Datasheet HTML 23Page - STMicroelectronics TS4601B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Application information
TS4601B
20/28
Table 11.
Volume control register - CR2
Volume control range: -60 dB to +4 dB
D5
D4
D3
D2
D1
D0
Gain
(in dB)
D5
D4
D3
D2
D1
D0
Gain
(in dB)
0
0000
0
Mute:
-80dB
10
0000
-11.5dB
0
0000
1
-60dB
1
0
0001
-11dB
0
0001
0
-57dB
1
0
0010
-10.5dB
0
0001
1
-54dB
1
0
0011
-10dB
0
0010
0
-51dB
1
0
0100
-9.5dB
0
0010
1
-48dB
1
0
0101
-9dB
0
0011
0
-45dB
1
0
0110
-8.5dB
0
0011
1
-42dB
1
0
0111
-8dB
0
0100
0
-39dB
1
0
1000
-7.5dB
0
0100
1
-36dB
1
0
1001
-7dB
0
0101
0
-34.5dB
10
1010
-6.5dB
0
0101
1
-33dB
1
0
1011
-6dB
0
0110
0
-31.5dB
10
1100
-5.5dB
0
0110
1
-30dB
1
0
1101
-5dB
0
0111
0
-28.5dB
10
1110
-4.5dB
0
0111
1
-27dB
1
0
1111
-4dB
0
1000
0
-25.5dB
11
0000
-3.5dB
0
1000
1
-24dB
1
1
0001
-3dB
0
1001
0
-22.5dB
11
0010
-2.5dB
0
1001
1
-21dB
1
1
0011
-2dB
0
1010
0
-19.5dB
11
0100
-1.5dB
0
1010
1
-18dB
1
1
0101
-1dB
0
1011
0
-16.5dB
11
0110
-0.5dB
0
1011
1
-16dB
1
1
0111
0dB
0
1100
0
-15.5dB
11
1000
0.5dB
0
1100
1
-15dB
1
1
1001
1dB
0
1101
0
-14.5dB
11
1010
1.5dB
0
1101
1
-14dB
1
1
1011
2dB
0
1110
0
-13.5dB
11
1100
2.5dB
0
1110
1
-13dB
1
1
1101
3dB
0
1111
0
-12.5dB
11
1110
3.5dB
0
1111
1
-12dB
1
1
1111
4dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com