Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7437N Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7437N
Description  Digitally controlled audio processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437N Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7437N Datasheet HTML 7Page - STMicroelectronics TDA7437N Datasheet HTML 8Page - STMicroelectronics TDA7437N Datasheet HTML 9Page - STMicroelectronics TDA7437N Datasheet HTML 10Page - STMicroelectronics TDA7437N Datasheet HTML 11Page - STMicroelectronics TDA7437N Datasheet HTML 12Page - STMicroelectronics TDA7437N Datasheet HTML 13Page - STMicroelectronics TDA7437N Datasheet HTML 14Page - STMicroelectronics TDA7437N Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
TDA7437N
Electrical characteristics
11/34
Treble control
CRANGE Control range
±13
±14
±15
dB
Astep
Step resolution
1
2
3
dB
Speaker attenuators
CRANGE Control range
79
dB
Astep
Step resolution
AV = 0 to -40dB
0.5
1
1.5
dB
AMUTE
Output mute attenuation
Data word = 1111XXXX
80
100
dB
EA
Attenuation set error
AV = 0 to -40dB
1.5
dB
VDC
DC steps
Adjacent attenuation steps
0.1
3
mV
Audio output
Vclip
Clipping level
d = 0.3%
2.1
2.6
Vrms
RL
Output load resistance
2
K
Ω
RO
Output impedance
50
90
140
W
VDC
DC voltage level
3.5
3.8
4.1
V
Pause detector
VTH
Pause threshold
WIN = 11
35
mV
WIN = 10
70
mV
WIN = 01
140
mV
WIN = 00
280
mV
IDELAY
Pull-up current
15
25
35
μA
VTHP
Pause threshold
3.0
V
General
VCC
Supply voltage
6
9
10.2
V
ICC
Supply current
7
10
13
mA
PSRR
Power supply rejection ratio
f = 1KHz
70
90
dB
eNO
Output noise
Output muted (B = 20 to
20kHz flat)
4
μV
All gains 0dB (B = 200 to
20kHz flat)
615
μV
Et
Total tracking error
AV = 0 to -20dB
0
1
dB
AV = -20 to -60dB
0
2
dB
S/N
Signal to noise ratio
All Gains = 0dB; VO =
2.1Vrms
111
dB
SC
Channel separation L - R
80
95
dB
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com