Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7437N Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7437N
Description  Digitally controlled audio processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437N Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7437N Datasheet HTML 8Page - STMicroelectronics TDA7437N Datasheet HTML 9Page - STMicroelectronics TDA7437N Datasheet HTML 10Page - STMicroelectronics TDA7437N Datasheet HTML 11Page - STMicroelectronics TDA7437N Datasheet HTML 12Page - STMicroelectronics TDA7437N Datasheet HTML 13Page - STMicroelectronics TDA7437N Datasheet HTML 14Page - STMicroelectronics TDA7437N Datasheet HTML 15Page - STMicroelectronics TDA7437N Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Electrical characteristics
TDA7437N
12/34
Note:
The ANGND and DIGGND layout wires must be kept separated. A 50
Ω resistor is
recommended to be put as far as possible from the device.
The CLD - and CDR - can be short-circuited in applications providing 3 wires CD signal
Figure 3.
CLD and CDR
CLD - = DIFFINLGND
CDR - = DIFFINRGND
d
Distortion
VIN =1V all gain = 0dB
0.01
0.08
%
Bus inputs
VIL
Input low voltage
1
V
VlN
Input high voltage
3
V
IlN
Input current
VIN = 0.4V
-5
5
μA
VO
Output voltage SDA
acknowledge
IO = 1.6mA
0.1
0.4
V
1.
WIN represents the MUTE programming bit pair D6, D5 for the zero crossing window threshold
2.
Internal pullup resistor to Vs/2; "LOW" = softmute active
Table 4.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
CD
TDA7437N
L-
L+
R-
R+
D02AU1384
L+
L- ∼R-
R+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com