Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7437N Datasheet(PDF) 25 Page - STMicroelectronics

Part # TDA7437N
Description  Digitally controlled audio processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437N Datasheet(HTML) 25 Page - STMicroelectronics

Back Button TDA7437N Datasheet HTML 21Page - STMicroelectronics TDA7437N Datasheet HTML 22Page - STMicroelectronics TDA7437N Datasheet HTML 23Page - STMicroelectronics TDA7437N Datasheet HTML 24Page - STMicroelectronics TDA7437N Datasheet HTML 25Page - STMicroelectronics TDA7437N Datasheet HTML 26Page - STMicroelectronics TDA7437N Datasheet HTML 27Page - STMicroelectronics TDA7437N Datasheet HTML 28Page - STMicroelectronics TDA7437N Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
TDA7437N
Mute and pause features
25/34
The type (stereo/mono) of received broadcasting signal is easily checked and displayed by
using the ST bit.
The P bit check is useful in tuning jumps without signal muting.
The SM soft mute status becomes active immediately, when bit D0 is set to 1 (soft mute ON,
MUTE byte) and not when the signal level has reached the 60 dB final attenuation.
5.8
TDA7437N I2C bus protocol
The protocol is standard I2C, using subaddress byte plus data bytes (as shown within
Chapter 4).
The optional autoincrement mode allows to refresh all the bytes registers with transmission
of a single subaddress, reducing drastically the total transmission time.
Without autoincrement, subaddress bit I = 0, to refresh all the bytes registers (10), it is
necessary to transmit 10 times the chip address, the subaddress and the data byte.
Working with a 100Kb/s clock speed the total time would be :
[(9*3+2)*10]bits*10us=2.9ms
Instead using autoincrement mode, subaddress bit I=1, the total time will be:
(9*12+2)*10us=1.1ms.
The autoincrement mode is useful also to refresh partially the data. For example to refresh
the 4 speakers attenuators it is possible to program the subaddress Spkr LF (code
XX010100), followed by the data byte of SPKR LF, LR, RF, RR in sequence.
Note: that the autoincrement mode has a module 16 counter, whereas the total used
register bytes are 10.
It is not correct to refresh all the 10 bytes starting from a subaddress different than
XX010000.
For example; using subaddress XX010010 (volume), the registers from Volume to Mute (see
Table 5) are correctly updated, but the next two transmitted bytes, refer instead to the
wanted Input selector, and Loudness are discharged. (the solution in this case is to send
two separate patterns in autoincrement mode, the first composed by address, subaddress
XX010010, 8 data bytes, and the second composed by address, subaddress XX010000, 2
data bytes).
With autoincrement disabled, the protocol allows the transmission in sequence of N data
bytes of a specific register, without the necessity to resend the address and subaddress
bytes, each time.
This feature can be implemented, for example, if a gradual volume change has to be
performed (the MCU does not send the STOP condition, but keeps the TDA7437N
communication active).
Warning:
The TDA7437N always needs to receive a STOP condition,
before beginning a new START condition. The device doesn't
recognize a START condition if a previously active
communication was not ended by a STOP condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com