Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7437N Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7437N
Description  Digitally controlled audio processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437N Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7437N Datasheet HTML 26Page - STMicroelectronics TDA7437N Datasheet HTML 27Page - STMicroelectronics TDA7437N Datasheet HTML 28Page - STMicroelectronics TDA7437N Datasheet HTML 29Page - STMicroelectronics TDA7437N Datasheet HTML 30Page - STMicroelectronics TDA7437N Datasheet HTML 31Page - STMicroelectronics TDA7437N Datasheet HTML 32Page - STMicroelectronics TDA7437N Datasheet HTML 33Page - STMicroelectronics TDA7437N Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
TDA7437N
Curves of electrical characteristics
31/34
Figure 20.
Test board diagram
C20 5.6nF
TRR
1
2
3
IN_R
O_R
C21
2.2
μF
C22 4.7nF
LOUDR
4
C23 4.7
μF
5
DIFG_R
C24 4.7
μF
6
DIFF_R
C25 470nF
7
ST4_R
C26 470nF
8
ST1_R
C27 470nF
9
ST2_R
C28 470nF
10
ST3_R
C29 470nF
11
MONO
DIFG_R
DIFF_R
ST4_R
ST1_R
ST2_R
ST3_R
MONO
CON4
C30 4.7nF
LOUDR
12
13
DIFG_R
C31 4.7
μF
14
DIFF_R
C32 4.7
μF
15
ST4_R
C33 470nF
16
ST1_R
C34 470nF
17
ST2_R
C35 470nF
18
ST3_R
DIFG_L
DIFF_L
ST4_L
ST1_L
ST2_L
ST3_L
CON5
C36 470nF
19
CSM
20
21
O_L
C2
2.2
μF
I_L
C14
34
OUTLF
C13
33
RF
C12
32
LR
C9
29
OUTRR
LF
RF
LR
RR
GND
CON3
JP3
28
36
DGND
SMEX
37
38
SDA
SCL
CON2
DGND
SDA
SMEX
SCL
JP1
JP2
GND VCC
CON1
C1
2.2nF
C15
10
μF
PAUSE
35
44
TRL
43
42
41
40
31
MIDRI
30
MIDRO
27
BASSRO
26
BASSRI
23
MIDLO
22
MIDLI
C11
18nF
C10
22nF
C8
100nF
C7
100nF
C4 22nF
C3 18nF
25
BASSLO
24
BASSLI
C6 100nF
C5 100nF
CREF
39
C16 22
μF
C17
22
μF
C18
100nF
C19
5.6nF
R4
2.7K
R3
5.6K
R2
5.6K
R1
2.7K
D98AU882
R5
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com