Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7437N Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7437N
Description  Digitally controlled audio processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437N Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7437N Datasheet HTML 20Page - STMicroelectronics TDA7437N Datasheet HTML 21Page - STMicroelectronics TDA7437N Datasheet HTML 22Page - STMicroelectronics TDA7437N Datasheet HTML 23Page - STMicroelectronics TDA7437N Datasheet HTML 24Page - STMicroelectronics TDA7437N Datasheet HTML 25Page - STMicroelectronics TDA7437N Datasheet HTML 26Page - STMicroelectronics TDA7437N Datasheet HTML 27Page - STMicroelectronics TDA7437N Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
Mute and pause features
TDA7437N
24/34
When the incoming signal is detected to be outside the selected window, the external
capacitor is discharged. When the signal is inside the window, the capacitor is integrating up
(see Figure 15 and Figure 16).
a)
by reading directly the Pause pin level.The ON/OFF voltage threshold is 3.0V
typical. Pause OFF = level low (< 3.0V) Pause ON = level high ( ; 3.0V)
b)
by reading via I2C bus the transmitted byte, bit PP = 0 pause active. P = 1 no
pause detected. The external capacitor value fixes the time constant.
The pull up current is 25uV typical, with input signal
Vin = 1Vrm --; Vdc pin pause = 15mV
Vin = 0Vrms --; Vdc pin pause = 5.62V
For example choosing Cpause = 100nF the charge up constant is about 22ms. Instead with
Cpause = 15nF the charge up constant is about 360
μs.
The pause detection is useful in applications like RDS, to perform noiseless tuning
frequency jumps, avoiding the use of the mute.
5.6
No symmetrical bass cut response
bit D7 = 0 No symmetrical
bit D7 = 1 Symmetrical
The bass stage has the option to generate an unsymmetrical response, for cut mode
settings (bass level from -2db to - 14dB)
For example using a T-type band pass external
The feature is useful for human ear equalization in a noisy environment, like a car.
See examples in Figure 17 (symmetrical response) and Figure 18 (unsymmetrical
response).
5.7
Transmitted data (send mode)
bitP = 0Pause active
bitP = 1No pause detected
bitZM = 1Zero cross mute ON
bitZM = 0Zero cross mute OFF
bitSM = 1Soft mute ON
bitSM = 0Soft mute OFF
bitST = 1Stereo signal detected (input MPX)
bitST = 0Mono signal detected (input MPX)
The TDA7437N allows the reading of four info bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com