Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7437N Datasheet(PDF) 27 Page - STMicroelectronics

Part # TDA7437N
Description  Digitally controlled audio processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437N Datasheet(HTML) 27 Page - STMicroelectronics

Back Button TDA7437N Datasheet HTML 23Page - STMicroelectronics TDA7437N Datasheet HTML 24Page - STMicroelectronics TDA7437N Datasheet HTML 25Page - STMicroelectronics TDA7437N Datasheet HTML 26Page - STMicroelectronics TDA7437N Datasheet HTML 27Page - STMicroelectronics TDA7437N Datasheet HTML 28Page - STMicroelectronics TDA7437N Datasheet HTML 29Page - STMicroelectronics TDA7437N Datasheet HTML 30Page - STMicroelectronics TDA7437N Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
TDA7437N
Mute and pause features
27/34
5.13
Bass & mid filters
Several bass filter types can be implemented. Normally it is the basic T-type bandpass filter
that is used. Starting from the filter component values (R1 internal and R2, C1, C2 external),
the centre frequency Fc, the gain Av at max bass boost and the filter Q factor are computed
as follows:
Vice versa fixed Fc, Av, and R1 (internal typ.±30%), the external component values are
5.14
Input selector
The multiplexer selector can choose one of the following inputs:
●
a differential CD stereo input.
●
a mono input.
●
four stereo input
The signal fed to the input pins must be decoupled via series capacitors. The minimum
allowed value depends on the correspondent input impedance. For the CD diff input (Zi =
10Kohm worst case) a Cin = 4.7uF is recommended. For the other inputs (70Kohm worst
case, a Cin=1uF is recommended.
F
c
1
2
Π
R1 R2 C1 C2
⋅⋅
⋅
⋅⋅
------------------------------------------------------------------
=
A
v
R2 C2
R2 C1
R1 C1
⋅
+
⋅
+
⋅
R2 C1
R2 C2
⋅
+
⋅
--------------------------------------------------------------------------
=
C1
A
v
1
–
2
Π R1 Q
⋅⋅
⋅
----------------------------------
=
C2
QQ C1
⋅⋅
A
v
1
–
QQ
⋅
–
-----------------------------------
=
Q
R1 R2 C1 C2
⋅⋅
⋅
()
R2 C1
R2 C2
⋅
+
⋅
------------------------------------------------------
=
R2
A
v
1
–
QQ
⋅
–
2
Π C1 F
c
A
v
1
–
() Q
⋅⋅
⋅
⋅
⋅
----------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com