Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7437N Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7437N
Description  Digitally controlled audio processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437N Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7437N Datasheet HTML 11Page - STMicroelectronics TDA7437N Datasheet HTML 12Page - STMicroelectronics TDA7437N Datasheet HTML 13Page - STMicroelectronics TDA7437N Datasheet HTML 14Page - STMicroelectronics TDA7437N Datasheet HTML 15Page - STMicroelectronics TDA7437N Datasheet HTML 16Page - STMicroelectronics TDA7437N Datasheet HTML 17Page - STMicroelectronics TDA7437N Datasheet HTML 18Page - STMicroelectronics TDA7437N Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
TDA7437N
Software specification
15/34
4
Software specification
4.1
Interface protocol
The interface protocol comprises of:
●
A start condition (s)
●
A chip address byte, (the LSB bit determines read (=1)/write (=0) transmission)
●
A subaddress byte.
●
A sequence of data (N-bytes + acknowledge)
●
A stop condition (P)
ACK = Acknowledge; S = Start; P = Stop; I = Auto increment; X = Not used
Max clock speed 500kbits/s
ADDRpin open A = 0
ADDRpin close to Vs A = 1
4.2
Auto increment
If bit I in the subaddress byte is set to "1", the autoincrement of the subaddress is enabled.
4.3
Subaddress (receive mode)
Table 5.
Subaddress (receive mode)
CHIP ADDRESS
SUBADDRESS
DATA 1 to DATA n
MSB
LSB
MSB
LSB
MSB
LSB
S
1
00
01
0
A
R/W
ACK
X
X
X
I
A3
A2
A1
A0
ACK
DATA
ACK
P
MSB
LSB
FUNCTION
X
X
X
I
A3
A2
A1
A0
0
0
0
0
Input selector
0
0
0
1
Loudness
00
1
0
Volume
00
1
1
Bass, Treble
0
1
0
0
Speaker attenuator LF
0
1
0
1
Speaker attenuator LR
0
1
1
0
Speaker attenuator RF
0
1
1
1
Speaker Attenuator RR
1
0
0
0
Input gain middle
10
0
1
Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com