Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD4048412FS Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # HD4048412FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4048412FS Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button HD4048412FS Datasheet HTML 33Page - Renesas Technology Corp HD4048412FS Datasheet HTML 34Page - Renesas Technology Corp HD4048412FS Datasheet HTML 35Page - Renesas Technology Corp HD4048412FS Datasheet HTML 36Page - Renesas Technology Corp HD4048412FS Datasheet HTML 37Page - Renesas Technology Corp HD4048412FS Datasheet HTML 38Page - Renesas Technology Corp HD4048412FS Datasheet HTML 39Page - Renesas Technology Corp HD4048412FS Datasheet HTML 40Page - Renesas Technology Corp HD4048412FS Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 127 page
background image
HD404849 Series
35
The CPU instruction execution speed can be selected as 244
µs or 122 µs by setting bit 2 (SSR2) of the
system clock select register (SSR: $029). Note that the SSR2 value must be changed in active mode. If the
value is changed in subactive mode, the MCU may malfunction.
When the STOP or SBY instruction is executed in subactive mode, the MCU enters either watch or active
mode, depending on the statuses of the low speed on flag (LSON: $020, bit 0) and the direct transfer on
flag (DTON: $020, bit 3).
Interrupt Frame: In watch and subactive modes,
φ
CLK is applied to timer A and theINT0 circuit. Prescaler
W and timer A operate as the time-base and generate the timing clock for the interrupt frame. Three
interrupt frame lengths (T) can be selected by setting the miscellaneous register (MIS: $00C) (figure 18).
In watch and subactive modes, a timer-A/
INT
0 interrupt is generated synchronously with the interrupt
frame. An interrupt request is generated synchronously with an interrupt strobe except during transition to
active mode. The falling edge of the
INT
0 signal is input asynchronously with the interrupt frame timing,
but it is regarded as input synchronously with the second interrupt strobe clock after the falling edge. An
overflow and interrupt request in timer A is generated synchronously with the interrupt strobe.
Direct Transition from Subactive Mode to Active Mode: Available by controlling the direct transfer on
flag (DTON: $020, bit 3) and the low speed on flag (LSON: $020, bit 0). The procedures are described
below:
• Set LSON to 0 and DTON to 1 in subactive mode.
• Execute the STOP or SBY instruction.
• The MCU automatically enters active mode from subactive mode after waiting for the MCU internal
processing time and oscillation stabilization time (figure 19).
Notes: 1. The DTON flag ($020, bit 3) can be set only in subactive mode. It is always reset in active
mode.
2. The transition time (T
D) from subactive mode to active mode:
t
RC < TD < T + tRC
Subactive mode
Interrupt strobe
Direct transfer
completion timing
MCU internal
processing period
Oscillation
stabilization
time
Active mode
T
t
RC
T:
t
:
RC
STOP/SBY instruction execution
(Set LSON = 0, DTON = 1)
Interrupt frame length
Oscillation stabilization period
Figure 19 Direct Transition Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com