Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD4048412FS Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # HD4048412FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4048412FS Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button HD4048412FS Datasheet HTML 87Page - Renesas Technology Corp HD4048412FS Datasheet HTML 88Page - Renesas Technology Corp HD4048412FS Datasheet HTML 89Page - Renesas Technology Corp HD4048412FS Datasheet HTML 90Page - Renesas Technology Corp HD4048412FS Datasheet HTML 91Page - Renesas Technology Corp HD4048412FS Datasheet HTML 92Page - Renesas Technology Corp HD4048412FS Datasheet HTML 93Page - Renesas Technology Corp HD4048412FS Datasheet HTML 94Page - Renesas Technology Corp HD4048412FS Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 127 page
background image
HD404849 Series
89
Bit
Initial value
Read/Write
Bit name
3
—
—
Not used
2
—
—
Not used
0
0
W
SMRB0
1
Undefined
W
SMRB1
SMRB0
0
1
Transmit clock division ratio
Prescaler output divided by 2
Prescaler output divided by 4
Serial mode register B (SMRB: $028)
SMRB1
0
1
Output level control in idle states
Low level
High level
Figure 71 Serial Mode Register B (SMRB)
Serial Data Register (SRL: $006, SRU: $007): The serial data register configuration is shown in figures
72 and 73. This register has the following functions.
• Transmission data write and shift
• Receive data shift and read
Writing data in this register is output from the SO pin, LSB first, synchronously with the falling edge of the
transmit clock; data is input, LSB first, through the SI pin at the rising edge of the transmit clock.
Input/output timing is shown in figure 74.
Data cannot be read or written during serial data transfer. If a read/write occurs during transfer, the
accuracy of the resultant data cannot be guaranteed.
Bit
Initial value
Read/Write
Bit name
3
Undefined
R/W
SR3
2
Undefined
R/W
SR2
0
Undefined
R/W
SR0
1
Undefined
R/W
SR1
Serial data register (lower digit) (SRL: $006)
Figure 72 Serial Data Register (SRL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com