Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD4048412FS Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # HD4048412FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4048412FS Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button HD4048412FS Datasheet HTML 45Page - Renesas Technology Corp HD4048412FS Datasheet HTML 46Page - Renesas Technology Corp HD4048412FS Datasheet HTML 47Page - Renesas Technology Corp HD4048412FS Datasheet HTML 48Page - Renesas Technology Corp HD4048412FS Datasheet HTML 49Page - Renesas Technology Corp HD4048412FS Datasheet HTML 50Page - Renesas Technology Corp HD4048412FS Datasheet HTML 51Page - Renesas Technology Corp HD4048412FS Datasheet HTML 52Page - Renesas Technology Corp HD4048412FS Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 127 page
background image
HD404849 Series
47
I/O Pin Type
Circuit
Pins
Peripheral
function pins
Input
pins
Input data
INT
0, STOPC
INT
0, STOPC
HLT
MIS3
PDR
SI, etc.
VCC
SI,
INT
1, INT2,
INT
3, EVNB ,
EVND
A/D input
Input control
AN
0–AN 3
HLT
MIS3
PDR
A/D input
Input control
VCC
AN
4–AN 7
Note: The MCU is reset in stop mode, and an peripheral function selections are cancelled. The I/O control
register is reset, so the input/output pins enter high-impedance state.
D Port: Consist of nine input/output pins and two input pins addressed by one bit. D
0–D8 are high-current
I/O pins, and D
10 and D11 are input-only pins.
Pins D
0–D8 are set by the SED and SEDD instructions, and reset by the RED and REDD instructions.
Output data is stored in the port data register (PDR) for each pin. All pins of the D port are tested by the TD
and TDD instructions.
The on/off statuses of the output buffers are controlled by D port data control registers (DCD0–DCD2:
$02C–$02E) that are mapped to memory addresses (figure 29).
Pins D
10 and D11 are multiplexed with peripheral function pins STOPC and INT0, respectively.
The
peripheral function modes of these pins are selected by bits 2 and 3 (PMRC2, PMRC3) of port mode
register C (PMRC: $025) (figure 34).
R Ports: 24 input/output pins addressed in 4-bit units. Data is input to these ports by the LAR and LBR
instructions, and output from them by the LRA and LRB instructions. Output data is stored in the port data
register (PDR) for each pin. The on/off statuses of the output buffers of the R ports are controlled by R
port data control registers (DCR0–DCR3, DCR6, DCR7: $030–$033, $036, $037) that are mapped to
memory addresses (figure 29).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com