Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD4048412FS Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # HD4048412FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4048412FS Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button HD4048412FS Datasheet HTML 21Page - Renesas Technology Corp HD4048412FS Datasheet HTML 22Page - Renesas Technology Corp HD4048412FS Datasheet HTML 23Page - Renesas Technology Corp HD4048412FS Datasheet HTML 24Page - Renesas Technology Corp HD4048412FS Datasheet HTML 25Page - Renesas Technology Corp HD4048412FS Datasheet HTML 26Page - Renesas Technology Corp HD4048412FS Datasheet HTML 27Page - Renesas Technology Corp HD4048412FS Datasheet HTML 28Page - Renesas Technology Corp HD4048412FS Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 127 page
background image
HD404849 Series
23
Interrupt Enable Flag (IE: $000, Bit 0): Controls the entire interrupt process. It is reset by the interrupt
processing and set by the RTNI instruction, as listed in table 4.
Table 4 Interrupt Enable Flag (IE: $000, Bit 0)
IE
Interrupt Enabled/Disabled
0
Disabled
1
Enabled
External Interrupts (
INT
0, INT1, INT2, INT3): There are four external interrupt signals.
External Interrupt Request Flags (IF0–IF3: $000, $001, $022): IF0 and IF1 are set when the signals
input to
INT
0 and INT1 are falling, and IF2 and IF3 are set when the signals input to INT2 and INT3 are
rising or falling, as listed in table 5. The INT
2 and INT3 interrupt edges are selected by the detection edge
select registers (ESR1, ESR2: $026, $027) as shown in figures 12 and 13.
Table 5 External Interrupt Request Flags (IF0–IF3: $000, $001, $022)
IF0–IF3
Interrupt Request
0No
1
Yes
Bit
Initial value
Read/Write
Bit name
3
0
W
ESR13
2
0
W
ESR12
0
0
W
ESR10
1
0
W
ESR11
Detection edge selection register 1 (ESR1: $026)
ESR11
0
1
ESR10
0
1
0
1
INT2 detection edge
No detection
Falling-edge detection
Rising-edge detection
Double-edge detection
ESR13
0
1
ESR12
0
1
0
1
INT3 detection edge
No detection
Falling-edge detection
Rising-edge detection
Double-edge detection
Note:
Both falling and rising edges are detected.
**
*
Figure 12 Detection Edge Selection Register 1 (ESR1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com