Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD4048412FS Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # HD4048412FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4048412FS Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button HD4048412FS Datasheet HTML 41Page - Renesas Technology Corp HD4048412FS Datasheet HTML 42Page - Renesas Technology Corp HD4048412FS Datasheet HTML 43Page - Renesas Technology Corp HD4048412FS Datasheet HTML 44Page - Renesas Technology Corp HD4048412FS Datasheet HTML 45Page - Renesas Technology Corp HD4048412FS Datasheet HTML 46Page - Renesas Technology Corp HD4048412FS Datasheet HTML 47Page - Renesas Technology Corp HD4048412FS Datasheet HTML 48Page - Renesas Technology Corp HD4048412FS Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 127 page
background image
HD404849 Series
43
Table 22 Oscillator Circuit Examples
Circuit Configuration
Circuit Constants
External clock
operation
External
oscillator
OSC
Open
1
OSC
2
Ceramic
oscillator
(OSC
1, OSC 2)
OSC
2
C1
2
C
OSC
1
Rf
Ceramic
oscillator
GND
Ceramic oscillator:
CSA4.00MG (Murata)
R
f = 1 MΩ ± 20%
C
1 = C2 = 30 pF ± 20%
Crystal oscillator
(OSC
1,OSC2)
L
S
C
RS
C0
OSC1
OSC2
OSC
2
C1
2
C
OSC
1
Rf
Crystal
oscillator
GND
R
f = 1 MΩ ± 20%
C
1 = C2 = 10 to 22 pF ± 20%
Equivalent circuit of crystal
oscillator shown at left.
C
0:
7 pF max
R
S:
100
Ω max
Crystal oscillator
(X1, X2)
X1
C1
2
C
X2
Crystal
oscillator
GND
L
S
C
RS
C0
X1
X2
Crystal: 32.768 kHz: MX38T
(Nippon Denpa)
C
1 = C2 = 20 pF ± 20%
R
S:
14 k
Ω
C
0:
1.5 pF
Notes: 1. Circuit constants differ by the different types of crystal oscillators and ceramic oscillators, and
with the stray capacitance of the board, so consult the manufacturer of the oscillator to determine
the circuit parameters.
2. The wiring between the OSC
1 and OSC 2 pins (X1 and X2 pins) and the other elements should be
as short as possible, and must not cross other wiring. Refer to figure 27.
3. If not using a 32.768-kHz crystal oscillator, fix the X1 pin to V
CC and leave the X2 pin open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com