Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD4048412FS Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # HD4048412FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4048412FS Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button HD4048412FS Datasheet HTML 81Page - Renesas Technology Corp HD4048412FS Datasheet HTML 82Page - Renesas Technology Corp HD4048412FS Datasheet HTML 83Page - Renesas Technology Corp HD4048412FS Datasheet HTML 84Page - Renesas Technology Corp HD4048412FS Datasheet HTML 85Page - Renesas Technology Corp HD4048412FS Datasheet HTML 86Page - Renesas Technology Corp HD4048412FS Datasheet HTML 87Page - Renesas Technology Corp HD4048412FS Datasheet HTML 88Page - Renesas Technology Corp HD4048412FS Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 127 page
background image
HD404849 Series
83
STS wait state
(Octal counter = 000,
transmit clock disabled)
Transmit clock wait state
(Octal counter = 000)
Transfer state
(Octal counter = 000)
MCU reset
00
SMRA write
04
STS instruction
01
Transmit clock
02
8 transmit clocks
03
STS instruction (IFS
1)
05
←
SMRA write (IFS
1)
06
←
External clock mode
STS wait state
(Octal counter = 000,
transmit clock disabled)
Transmit clock wait state
(Octal counter = 000)
Transfer state
(Octal counter = 000)
SMRA write
14
STS instruction
11
Transmit clock
12
15
STS instruction (IFS
1)
←
8 transmit clocks
13
Internal clock mode
Clock continuous output state
(PMRA 0, 1 = 00)
SMRA write
18
Transmit clock
17
16
Note: Refer to the Operating States section for the corresponding encircled numbers.
MCU reset
10
←
SMRA write (IFS
1)
Figure 67 Serial Interface State Transitions
Output Level Control in Idle States: In idle states, that is, STS wait state and transmit clock wait state,
the output level of the SO pin can be controlled by setting bit 1 (SMRB1) of serial mode register B (SMRB:
$028) to 0 or 1. The output level control example is shown in figure 68. Note that the output level cannot
be controlled in transfer state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com