| Electronic Components Datasheet Search |
|
HD4048412FS Datasheet(PDF) 68 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD4048412FS Datasheet(HTML) 68 Page - Renesas Technology Corp |
|
68 / 127 page ![]() HD404849 Series 66 Timer C Operations: • Free-running/reload timer operation: The free-running/reload operation, input clock source, and prescaler division ratio are selected by timer mode register C1 (TMC1: $00D). Timer C is initialized to the value set in timer write register C (TWCL: $00E, TWCU: $00F) by software and incremented by one at each clock input. If an input clock is applied to timer C after it has reached $FF, an overflow is generated. In this case, if the reload timer function is enabled, timer C is initialized to its initial value set in timer write register C; if the free-running timer function is enabled, the timer is initialized to $00 and then incremented again. The overflow sets the timer C interrupt request flag (IFTC: $002, bit 2). IFTC is reset by software or MCU reset. Refer to figure 3 and table 1 for details. • Watchdog timer operation: Timer C is used as a watchdog timer for detecting out-of-control program routines by setting the watchdog on flag (WDON: $020, bit 1) to 1. If a program routine runs out of control and an overflow is generated, the MCU is reset. Program runaway can be controlled by initializing timer C by software before it reaches $FF. • Timer output operation: The following four output modes can be selected for timer C by setting timer mode register C2 (TMC2: $014). Toggle 0 output 1 output PWM output By selecting the timer output mode, pin R1 1/TOC is set to TOC. The output from TOC is reset low by MCU reset. Toggle output: The operation is basically the same as that of timer-B’s toggle output. 0 output: The operation is basically the same as that of timer-B’s 0 output. 1 output: The operation is basically the same as that of timer-B’s 1 output. PWM output: When PWM output mode is selected, timer C provides the variable-duty pulse output function. The output waveform differs depending on the contents of timer mode register C1 (TMC1: $00D) and timer write register C (TWCL: $00E, TWCU: $00F). The output waveform is shown in figure 43 (2). Registers for Timer C Operation: By using the following registers, timer C operation modes are selected and the timer C count is read and written. Timer mode register C1 (TMC1: $00D) Timer mode register C2 (TMC2: $014) Timer write register C (TWCL: $00E, TWCU: $00F) Timer read register C (TRCL: $00E, TRCU: $00F) • Timer mode register C1 (TMC1: $00D): Four-bit write-only register that selects the free-running/reload timer function, input clock source, and prescaler division ratio as shown in figure 52. It is reset to $0 by MCU reset. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |