Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD4048412FS Datasheet(PDF) 102 Page - Renesas Technology Corp

Part # HD4048412FS
Description  4-Bit Single-Chip Microcomputer
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD4048412FS Datasheet(HTML) 102 Page - Renesas Technology Corp

Back Button HD4048412FS Datasheet HTML 98Page - Renesas Technology Corp HD4048412FS Datasheet HTML 99Page - Renesas Technology Corp HD4048412FS Datasheet HTML 100Page - Renesas Technology Corp HD4048412FS Datasheet HTML 101Page - Renesas Technology Corp HD4048412FS Datasheet HTML 102Page - Renesas Technology Corp HD4048412FS Datasheet HTML 103Page - Renesas Technology Corp HD4048412FS Datasheet HTML 104Page - Renesas Technology Corp HD4048412FS Datasheet HTML 105Page - Renesas Technology Corp HD4048412FS Datasheet HTML 106Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 127 page
background image
HD404849 Series
100
LCD Control Register (LCR: $01B): Four-bit write-only register which controls LCD blanking, on/off
switching of the liquid-crystal display’s power supply division resistor, display in watch and subactive
modes, and connection of the LCD division resistor, as shown in figure 86.
• Blank/display
Blank: Segment signals are turned off, regardless of LCD RAM data setting.
Display: LCD RAM data is output as segment signals.
• Power switch on/off
Off: The power switch is off.
On: The power switch is on and V
1 is VCC.
• Watch/subactive mode display
Off: In watch and subactive modes, all common and segment pins are grounded and the liquid-crystal
power switch is turned off.
On: In watch and subactive modes, LCD RAM data is output as segment signals.
• LCD power supply division resistor switch
Off: Division resistor is disconnected.
On: Division resistor is connected.
Bit
Initial value
Read/Write
Bit name
3
0
W
LCR3
2
0
W
LCR2
0
0
W
LCR0
1
0
W
LCR1
LCD display control register (LCR: $01B)
LCR1
0
1
Power switch on/off
Off
On
LCR0
0
1
Blank/display
Blank
Display
0
1
LCD power supply division
resistor switch
LCR3
On
Off
0
1
Display on/off selection in
watch and subactive modes
LCR2
Off
On
Figure 86 LCD Control Register (LCR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com