Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7545 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 44Page - Renesas Technology Corp 7545 Datasheet HTML 45Page - Renesas Technology Corp 7545 Datasheet HTML 46Page - Renesas Technology Corp 7545 Datasheet HTML 47Page - Renesas Technology Corp 7545 Datasheet HTML 48Page - Renesas Technology Corp 7545 Datasheet HTML 49Page - Renesas Technology Corp 7545 Datasheet HTML 50Page - Renesas Technology Corp 7545 Datasheet HTML 51Page - Renesas Technology Corp 7545 Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 48 of 59
REJ03B0140-0106
7545 Group
4. Setup for I/O ports
Setup I/O ports using hardware and software as follows:
<Hardware>
• Connect a resistor of 100
Ω or more to an I/O port in series.
<Software>
• As for an input port, read data several times by a program for
checking whether input levels are equal or not.
• As for an output port, since the output data may reverse
because of noise, rewrite data to its port latch at fixed periods.
• Rewrite data to direction registers and pull-up control registers
at fixed periods.
Fig. 56 Setup for I/O ports
5. Providing of watchdog timer function by software
If a microcomputer runs away because of noise or others, it can
be detected by a software watchdog timer and the microcomputer
can be reset to normal operation. This is equal to or more
effective than program runaway detection by a hardware
watchdog timer.
The following shows an example of a watchdog timer provided
by software.
In the following example, to reset a microcomputer to normal
operation, the main routine detects errors of the interrupt
processing routine and the interrupt processing routine detects
errors of the main routine.
This example assumes that interrupt processing is repeated
multiple times in a single main routine processing.
<The main routine>
• Assigns a single byte of RAM to a software watchdog timer
(SWDT) and writes the initial value N in the SWDT once at
each execution of the main routine. The initial value N should
satisfy the following condition:
N+1
≥ (Counts of interrupt processing executed in each main
routine)
As the main routine execution cycle may change because of an
interrupt processing or others, the initial value N should have a
margin.
• Watches the operation of the interrupt processing routine by
comparing the SWDT contents with counts of interrupt
processing after the initial value N has been set.
• Detects that the interrupt processing routine has failed and
determines to branch to the program initialization routine for
recovery processing in the following case:
If the SWDT contents do not change after interrupt processing.
<The interrupt processing routine>
• Decrements the SWDT contents by 1 at each interrupt
processing.
• Determines that the main routine operates normally when the
SWDT contents are reset to the initial value N at almost fixed
cycles (at the fixed interrupt processing count).
• Detects that the main routine has failed and determines to
branch to the program initialization routine for recovery
processing in the following case:
If the SWDT contents are not initialized to the initial value N
but continued to decrement and if they reach 0 or less.
Fig. 57 Watchdog timer by software
Direction register
Port latch
Data bus
I/O port pins
Noise
Noise
N.G.
O.K.
Main routine
(SWDT)
N
CLI
Main processing
(SWDT)
Interrupt processing
routine errors
N
Interrupt processing routine
(SWDT)
(SWDT)1
Interrupt processing
(SWDT)
Main routine
errors
>0
0
RTI
Return
=N?
0?
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com