Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7545 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 7545
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7545 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 7545 Datasheet HTML 6Page - Renesas Technology Corp 7545 Datasheet HTML 7Page - Renesas Technology Corp 7545 Datasheet HTML 8Page - Renesas Technology Corp 7545 Datasheet HTML 9Page - Renesas Technology Corp 7545 Datasheet HTML 10Page - Renesas Technology Corp 7545 Datasheet HTML 11Page - Renesas Technology Corp 7545 Datasheet HTML 12Page - Renesas Technology Corp 7545 Datasheet HTML 13Page - Renesas Technology Corp 7545 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 10 of 59
REJ03B0140-0106
7545 Group
Fig. 8 Register push and pop at interrupt generation and subroutine call
Execute JSR
On-going Routine
M (S)
(PCH)
M (S)
(PCL)
Execute RTS
(PCL)
M (S)
(S)
(S + 1)
(S)
(S + 1)
(PCH)
M (S)
Subroutine
Restore Return
Address
Store Return Address
on Stack
M (S)
(PS)
Execute RTI
(PS)
M (S)
Interrupt
Service Routine
Restore Contents of
Processor Status Register
M (S)
(PCH)
(S)
(S - 1)
M (S)
(PCL)
(PCL)
M (S)
(PCH)
M (S)
Restore Return
Address
I Flag “0” to “1”
Fetch the Jump Vector
Store Return Address
on Stack
Store Contents of Processor
Status Register on Stack
Interrupt request
(Note)
Note : The condition to enable the interrupt
Interrupt enable bit is “1”
Interrupt disable flag is “0”
(S)
(S - 1)
(S)
(S - 1)
(S)
(S + 1)
(S)
(S + 1)
(S)
(S + 1)
(S)
(S - 1)
(S)
(S - 1)
Table 5
Push and pop instructions of accumulator or processor status register
Push instruction to stack
Pop instruction from stack
Accumulator
PHA
PLA
Processor status register
PHP
PLP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com