Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38C89MB Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # M38C89MB
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C89MB Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button M38C89MB Datasheet HTML 32Page - Renesas Technology Corp M38C89MB Datasheet HTML 33Page - Renesas Technology Corp M38C89MB Datasheet HTML 34Page - Renesas Technology Corp M38C89MB Datasheet HTML 35Page - Renesas Technology Corp M38C89MB Datasheet HTML 36Page - Renesas Technology Corp M38C89MB Datasheet HTML 37Page - Renesas Technology Corp M38C89MB Datasheet HTML 38Page - Renesas Technology Corp M38C89MB Datasheet HTML 39Page - Renesas Technology Corp M38C89MB Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
35
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
RESET CIRCUIT
To reset the microcomputer, RESET pin should be held at an “L”
level for 2 µs or more. Then the RESET pin is returned to an “H” level
(the power source voltage should be between VCC (min.) and 5.5 V,
and the quartz-crystal oscillator should be stable), reset is released.
After the reset is completed, the program starts from the address
contained in address FFFD16 (high-order byte) and address FFFC16
(low-order byte). Make sure that the reset input voltage is less than
0.2Vcc when a power source voltage passes VCC (min.).
Fig. 34 Reset sequence
Fig. 33 Reset circuit example
0.2VCC
0V
0V
Poweron
VCC
RESET
VCC
RESET
Power source
voltage detection
circuit
Power source
voltage
Reset input
voltage
RESET
Internal
reset
Address
Data
SYNC
φ
XIN
FFFC
FFFD
ADH, ADL
ADL
ADH
????
XIN : about 8200 cycles
Notes 1: The frequency relation of f(XIN) and f(
φ) is f(XIN) = 8 • f(φ).
2: The question marks (?) indicate an undefined state that
depends on the previous state.
Reset address from
vector table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com