Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38C89MB Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M38C89MB
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C89MB Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M38C89MB Datasheet HTML 10Page - Renesas Technology Corp M38C89MB Datasheet HTML 11Page - Renesas Technology Corp M38C89MB Datasheet HTML 12Page - Renesas Technology Corp M38C89MB Datasheet HTML 13Page - Renesas Technology Corp M38C89MB Datasheet HTML 14Page - Renesas Technology Corp M38C89MB Datasheet HTML 15Page - Renesas Technology Corp M38C89MB Datasheet HTML 16Page - Renesas Technology Corp M38C89MB Datasheet HTML 17Page - Renesas Technology Corp M38C89MB Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
13
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
I/O PORTS
[Direction Registers]
The I/O ports P0–P3 and P41–P47 have direction registers which
determine the input/output direction of each individual pin. Each bit
in a direction register corresponds to one pin, each pin can be set to
be input port or output port.
When “0” is written to the bit corresponding to a pin, that pin be-
comes an input pin. When “1” is written to that bit, that pin becomes
an output pin.
If data is read from a pin set to output, the value of the port output
latch is read, not the value of the pin itself. Pins set to input are float-
ing. If a pin set to input is written to, only the port output latch is
written to and the pin remains floating.
Pull-up Control
By setting the PULL register A (address 001616) or the PULL register
B (address 001716), ports P0 to P4 except for port P40 can control
pull-up with a program.
However, the contents of PULL register A and PULL register B do not
affect ports programmed as the output ports.
Fig. 10 Structure of PULL register A and PULL register B
P00–P03 pull-up
P04–P07 pull-up
P10–P13 pull-up
P14–P17 pull-up
P20–P23 pull-up
P24–P27 pull-up
P30–P33 pull-up
Not used (return “0” when read)
PULL register A
(PULLA: address 001616)
0: No pull-up
1: Pull-up
b7
b0
Note: The contents of PULL register A and PULL register B do
not affect ports programmed as the output port.
Not used (return “0” when read)
P41 pull-up
P42 pull-up
P43 pull-up
P44 pull-up
P45 pull-up
P46 pull-up
P47 pull-up
b7b0
PULL register B
(PULLB: address 001716)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com