Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38C89MB Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M38C89MB
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C89MB Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M38C89MB Datasheet HTML 14Page - Renesas Technology Corp M38C89MB Datasheet HTML 15Page - Renesas Technology Corp M38C89MB Datasheet HTML 16Page - Renesas Technology Corp M38C89MB Datasheet HTML 17Page - Renesas Technology Corp M38C89MB Datasheet HTML 18Page - Renesas Technology Corp M38C89MB Datasheet HTML 19Page - Renesas Technology Corp M38C89MB Datasheet HTML 20Page - Renesas Technology Corp M38C89MB Datasheet HTML 21Page - Renesas Technology Corp M38C89MB Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
17
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
INTERRUPTS
Interrupts occur by fourteen sources: five external, eight internal, and
one software.
Interrupt Control
Each interrupt except the BRK instruction interrupt have both an in-
terrupt request bit and an interrupt enable bit, and is controlled by the
interrupt disable flag. An interrupt occurs if the corresponding inter-
rupt request and enable bits are “1” and the interrupt disable flag is
“0”.
Interrupt enable bits can be set or cleared by software. Interrupt re-
quest bits can be cleared by software, but cannot be set by software.
The BRK instruction interrupt and reset cannot be disabled with any
flag or bit. The I flag disables all interrupts except the BRK instruction
interrupt and reset. If several interrupts requests occurs at the same
time the interrupt with highest priority is accepted first.
Interrupt Operation
By acceptance of an interrupt, the following operations are automati-
cally performed:
1. The contents of the program counter and processor status reg-
ister are automatically pushed onto the stack.
2. The interrupt disable flag is set and the corresponding interrupt
request bit is cleared.
3. The interrupt jump destination address is read from the vector
table into the program counter.
sNotes on interrupts
When setting the followings, the interrupt request bit may be set to
“1”.
•When setting external interrupt active edge
Related register: Interrupt edge selection register (address 3A16)
Timer X mode register (address 2716)
Timer Y mode register (address 2816)
•When switching interrupt sources of an interrupt vector address
where two or more interrupt sources are allocated
Related register: A-D control regsiter (address 3116)
When not requiring for the interrupt occurrence synchronized with
these setting, take the following sequence.
➀Set the corresponding interrupt enable bit to “0” (disabled).
➁Set the interrupt edge select bit (active edge switch bit) or the inter-
rupt source select bit to “1”.
➂Set the corresponding interrupt request bit to “0” after 1 or more
instructions have been executed.
➃Set the corresponding interrupt enable bit to “1” (enabled).
Interrupt Source
Reset (Note 2)
INT0
INT1
Serial I/O
reception
Serial I/O
transmission
Timer X
Timer Y
Timer 2
Timer 3
CNTR0
CNTR1
Timer 1
Key input (Key-
on wake-up)
A-D conversion
BRK instruction
Priority
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
Vector Addresses (Note 1)
High
FFFD16
FFFB16
FFF916
FFF716
FFF516
FFF316
FFF116
FFEF16
FFED16
FFEB16
FFE916
FFE716
FFE116
FFDF16
FFDD16
Interrupt Request
Generating Conditions
At reset
At detection of either rising or falling edge of
INT0 intput
At detection of either rising or falling edge of
INT1 input
At completion of serial I/O data reception
At completion of serial I/O transmission shift
or when transmission buffer is empty
At timer X underflow
At timer Y underflow
At timer 2 underflow
At timer 3 underflow
At detection of either rising or falling edge of
CNTR0 input
At detection of either rising or falling edge of
CNTR1 input
At timer 1 underflow
At falling of port P2 (at input) input logical level
AND
At completion of A-D conversion
At BRK instruction execution
Remarks
Non-maskable
External interrupt
(active edge selectable)
External interrupt
(active edge selectable)
Valid when serial I/O is selected
Valid when serial I/O is selected
External interrupt
(active edge selectable)
External interrupt
(active edge selectable)
External interrupt
(falling valid)
Valid when A-D conversion interrupt
is selected
Non-maskable software interrupt
Low
FFFC16
FFFA16
FFF816
FFF616
FFF416
FFF216
FFF016
FFEE16
FFEC16
FFEA16
FFE816
FFE616
FFE016
FFDE16
FFDC16
Notes 1: Vector addresses contain interrupt jump destination addresses.
2: Reset function in the same way as an interrupt with the highest priority.
Table 6 Interrupt vector addresses and priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com