Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38C89MB Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # M38C89MB
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38C89MB Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button M38C89MB Datasheet HTML 42Page - Renesas Technology Corp M38C89MB Datasheet HTML 43Page - Renesas Technology Corp M38C89MB Datasheet HTML 44Page - Renesas Technology Corp M38C89MB Datasheet HTML 45Page - Renesas Technology Corp M38C89MB Datasheet HTML 46Page - Renesas Technology Corp M38C89MB Datasheet HTML 47Page - Renesas Technology Corp M38C89MB Datasheet HTML 48Page - Renesas Technology Corp M38C89MB Datasheet HTML 49Page - Renesas Technology Corp M38C89MB Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 55 page
background image
45
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
38C8 Group
Table 13 Recommended operating conditions (mask ROM version) (Vcc = 2.2 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)
Timer X, timer Y input frequency (duty cycle 50%)
Main clock input oscillation frequency (Note 1)
Sub-clock input oscillation frequency (Notes 1, 2)
f(CNTR0)
f(CNTR1)
f(XIN)
f(XCIN)
Limits
Hz
MHz
MHz
MHz
MHz
kHz
Parameter
Min.
Typ.
32.768
Max.
f(XIN)/2
8.0
2.9✕VCC–3.6
8.0
8✕(VCC–1.7)
50
Symbol
Unit
High-speed mode
(4.0 V
≤ VCC ≤ 5.5 V)
High-speed mode
(2.2 V
≤ VCC < 4.0 V)
Middle-speed mode
(2.7 V
≤ VCC ≤ 5.5 V)
Middle-speed mode
(2.2 V
≤ VCC < 2.7 V)
Notes 1: When the oscillation frequency has a duty cycle of 50 %.
2: When using the microcomputer in low-speed mode, set the sub-clock input oscillation frequency on condition that f(XCIN) < f(XIN)/3.
Table 14 Recommended operating conditions (PROM version) (Vcc = 2.5 to 5.5 V, Ta = –20 to 85°C, unless otherwise noted)
Timer X, timer Y input frequency (duty cycle 50%)
Main clock input oscillation frequency (Note 1)
Sub-clock input oscillation frequency (Notes 1, 2)
f(CNTR0)
f(CNTR1)
f(XIN)
f(XCIN)
Limits
Hz
MHz
MHz
MHz
MHz
kHz
Parameter
Min.
Typ.
32.768
Max.
f(XIN)/2
8.0
4✕VCC–8
8.0
20✕(VCC–2.3)
50
Symbol
Unit
High-speed mode
(4.0 V
≤ VCC ≤ 5.5 V)
High-speed mode
(2.5 V
≤ VCC < 4.0 V)
Middle-speed mode
(2.7 V
≤ VCC ≤ 5.5 V)
Middle-speed mode
(2.5 V
≤ VCC < 2.7 V)
Notes 1: When the oscillation frequency has a duty cycle of 50 %.
2: When using the microcomputer in low-speed mode, set the sub-clock input oscillation frequency on condition that f(XCIN) < f(XIN)/3.
Conditions
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com