Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS72011RB120FPV Datasheet(PDF) 124 Page - Renesas Technology Corp

Part # DS72011RB120FPV
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7200 Series
PDF  1196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DS72011RB120FPV Datasheet(HTML) 124 Page - Renesas Technology Corp

Back Button DS72011RB120FPV Datasheet HTML 120Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 121Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 122Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 123Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 124Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 125Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 126Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 127Page - Renesas Technology Corp DS72011RB120FPV Datasheet HTML 128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 1196 page
background image
Section 5 Exception Handling
Rev. 2.00 Sep. 07, 2007 Page 96 of 1164
REJ09B0321-0200
Exception Sources
Vector
Numbers
Vector Table Address Offset
(Reserved by system)
19
:
31
H'0000004C to H'0000004F
:
H'0000007C to H'0000007F
Trap instruction (user vector)
32
:
63
H'00000080 to H'00000083
:
H'000000FC to H'000000FF
External interrupts (IRQ, PINT), on-chip
peripheral module interrupts*
64
:
255
H'00000100 to H'00000103
:
H'000003FC to H'000003FF
Note:
*
The vector numbers and vector table address offsets for each external interrupt and on-
chip peripheral module interrupt are given in table 6.4 in section 6, Interrupt Controller
(INTC).
Table 5.4
Calculating Exception Handling Vector Table Addresses
Exception Source
Vector Table Address Calculation
Resets
Vector table address = (vector table address offset)
= (vector number)
× 4
Address errors, bus errors,
register bank errors, interrupts,
instructions
Vector table address = VBR + (vector table address offset)
= VBR + (vector number)
× 4
Notes: 1. Vector table address offset: See table 5.3.
2. Vector number: See table 5.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com