| Electronic Components Datasheet Search |
|
DS72011RB120FPV Datasheet(PDF) 127 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV Datasheet(HTML) 127 Page - Renesas Technology Corp |
|
127 / 1196 page ![]() Section 5 Exception Handling Rev. 2.00 Sep. 07, 2007 Page 99 of 1164 REJ09B0321-0200 (2) Power-On Reset by Means of H-UDI Reset Assert Command When the H-UDI reset assert command is set, this LSI enters the power-on reset state. Power-on reset by means of an H-UDI reset assert command is equivalent to power-on reset by means of the RES pin. Setting the H-UDI reset negate command cancels the power-on reset state. The time required between an H-UDI reset assert command and H-UDI reset negate command is the same as the time to keep the RES pin low to initiate a power-on reset. In the power-on reset state generated by an H-UDI reset assert command, setting the H-UDI reset negate command starts power-on reset exception handling. The CPU operates in the same way as when a power-on reset was caused by the RES pin. (3) Power-On Reset Initiated by WDT When a setting is made for a power-on reset to be generated in the WDT’s watchdog timer mode, and WTCNT of the WDT overflows, this LSI enters the power-on reset state. In this case, WRCSR of the WDT and FRQCR of the CPG are not initialized by the reset signal generated by the WDT. If a reset caused by the RES pin or the H-UDI reset assert command occurs simultaneously with a reset caused by WDT overflow, the reset caused by the RES pin or the H-UDI reset assert command has priority, and the WOVF bit in WRCSR is cleared to 0. When power-on reset exception processing is started by the WDT, the CPU operates in the same way as when a power- on reset was caused by the RES pin. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |