| Electronic Components Datasheet Search |
|
DS72011RB120FPV Datasheet(PDF) 128 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
DS72011RB120FPV Datasheet(HTML) 128 Page - Renesas Technology Corp |
|
128 / 1196 page ![]() Section 5 Exception Handling Rev. 2.00 Sep. 07, 2007 Page 100 of 1164 REJ09B0321-0200 5.2.4 Manual Reset (1) Manual Reset by Means of MRES Pin When the MRES pin is driven low, this LSI enters the manual reset state. To reset this LSI without fail, the MRES pin should be kept at the low level for at least 20-tcyc. In the manual reset state, the CPU’s internal state is initialized, but all the on-chip peripheral module registers are not initialized. In the manual reset state, manual reset exception handling starts when the MRES pin is first driven low for a fixed period and then returned to high. The CPU operates as follows: 1. The initial value (execution start address) of the program counter (PC) is fetched from the exception handling vector table. 2. The initial value of the stack pointer (SP) is fetched from the exception handling vector table. 3. The vector base register (VBR) is cleared to H'00000000, the interrupt mask level bits (I3 to I0) of the status register (SR) are initialized to H'F (B'1111), and the BO and CS bits are initialized. The BN bit in IBNR of the INTC is also initialized to 0. 4. The values fetched from the exception handling vector table are set in the PC and SP, and the program begins executing. (2) Manual Reset Initiated by WDT When a setting is made for a manual reset to be generated in the WDT’s watchdog timer mode, and WTCNT of the WDT overflows, this LSI enters the manual reset state. When manual reset exception processing is started by the WDT, the CPU operates in the same way as when a manual reset was caused by the MRES pin. (3) Notes at a Manual Reset When a manual reset is generated, the bus cycle is retained. Thus, manual reset exception handling will be deferred until the CPU acquires the bus mastership. However, if the interval from generation of the manual reset until the end of the bus cycle is equal to or longer than the fixed internal manual reset interval cycles, the internal manual reset source is ignored instead of being deferred, and manual reset exception handling is not executed. The CPU and the BN bit in IBNR of the INTC are initialized by a manual reset. The FPU and other modules are not initialized. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |