Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 503 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 503 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 499Page - Renesas Technology Corp HD6417618 Datasheet HTML 500Page - Renesas Technology Corp HD6417618 Datasheet HTML 501Page - Renesas Technology Corp HD6417618 Datasheet HTML 502Page - Renesas Technology Corp HD6417618 Datasheet HTML 503Page - Renesas Technology Corp HD6417618 Datasheet HTML 504Page - Renesas Technology Corp HD6417618 Datasheet HTML 505Page - Renesas Technology Corp HD6417618 Datasheet HTML 506Page - Renesas Technology Corp HD6417618 Datasheet HTML 507Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 503 / 646 page
background image
Section 18 User Break Controller (UBC)
UBCS300C_0000200309000
Rev. 6.00 Jun. 12, 2007 Page 471 of 610
REJ09B0131-0600
Section 18 User Break Controller (UBC)
The user break controller (UBC) provides functions that simplify program debugging. These
functions make it easy to design an effective self-monitoring debugger, enabling the chip to debug
programs without using an in-circuit emulator. Break conditions that can be set in the UBC are
instruction fetch or data read/write access, data size, data contents, address value, and stop timing
in the case of instruction fetch.
18.1
Features
The UBC has the following features:
• The following break comparison conditions can be set.
Number of break channels: two channels (channels A and B)
User break can be requested as either the independent or sequential condition on channels A
and B (sequential break: when channel A and channel B match with break conditions in the
different bus cycles in that order, a break condition is satisfied).
 Address (Compares addresses 32 bits):
Comparison bits are maskable in 1-bit units; user can mask addresses at lower 12 bits (4-k
page), lower 10 bits (1-k page), or any size of page, etc.
One of the two address buses (L-bus address (LAB) and I-bus address (IAB)) can be
selected.
 Data (only on channel B, 32-bit maskable)
One of the two data buses (logic data bus (LDB) and internal data bus (IDB)) can be
selected.
 Bus cycle: Instruction fetch or data access
 Read/write
 Operand size: Byte, word, or longword
• User break interrupt is generated upon satisfying break conditions. A user-designed user-break
condition interrupt exception processing routine can be run.
• In an instruction fetch cycle, it can be selected that a break is set before or after an instruction
is executed.
• Maximum repeat times for the break condition (only for channel B): 212 – 1 times.
• Four pairs of branch source/destination buffers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com