| Electronic Components Datasheet Search |
|
HD6417618 Datasheet(PDF) 507 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 507 Page - Renesas Technology Corp |
|
507 / 646 page ![]() Section 18 User Break Controller (UBC) Rev. 6.00 Jun. 12, 2007 Page 475 of 610 REJ09B0131-0600 Bit Bit Name Initial Value R/W Description 5 4 IDA1 IDA0 0 0 R/W R/W Instruction Fetch/Data Access Select A Select the instruction fetch cycle or data access cycle as the bus cycle of the channel A break condition. 00: Condition comparison is not performed 01: The break condition is the instruction fetch cycle 10: The break condition is the data access cycle 11: The break condition is the instruction fetch cycle or data access cycle 3 2 RWA1 RWA0 0 0 R/W R/W Read/Write Select A Select the read cycle or write cycle as the bus cycle of the channel A break condition. 00: Condition comparison is not performed 01: The break condition is the read cycle 10: The break condition is the write cycle 11: The break condition is the read cycle or write cycle 1 0 SZA1 SZA0 0 0 R/W R/W Operand Size Select A Select the operand size of the bus cycle for the channel A break condition. 00: The break condition does not include operand size 01: The break condition is byte access 10: The break condition is word access 11: The break condition is longword access 18.2.4 Break Address Register B (BARB) BARB is a 32-bit readable/writable register. BARB specifies the address used for a break condition in channel B. Bit Bit Name Initial Value R/W Description 31 to 0 BAB31 to BAB 0 All 0 R/W Break Address B Stores an address of LAB or IAB which specifies a break condition in channel B. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |