Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD6417618 Datasheet(PDF) 508 Page - Renesas Technology Corp

Part # HD6417618
Description  32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7618 Series
PDF  646 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6417618 Datasheet(HTML) 508 Page - Renesas Technology Corp

Back Button HD6417618 Datasheet HTML 504Page - Renesas Technology Corp HD6417618 Datasheet HTML 505Page - Renesas Technology Corp HD6417618 Datasheet HTML 506Page - Renesas Technology Corp HD6417618 Datasheet HTML 507Page - Renesas Technology Corp HD6417618 Datasheet HTML 508Page - Renesas Technology Corp HD6417618 Datasheet HTML 509Page - Renesas Technology Corp HD6417618 Datasheet HTML 510Page - Renesas Technology Corp HD6417618 Datasheet HTML 511Page - Renesas Technology Corp HD6417618 Datasheet HTML 512Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 508 / 646 page
background image
Section 18 User Break Controller (UBC)
Rev. 6.00 Jun. 12, 2007 Page 476 of 610
REJ09B0131-0600
18.2.5
Break Address Mask Register B (BAMRB)
BAMRB is a 32-bit readable/writable register. BAMRB specifies bits masked in the break address
specified by BARB.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BAMB31
to
BAMB 0
All 0
R/W
Break Address Mask B
Specifies bits masked in the break address of channel B
specified by BARB (BAB31 to BAB0).
0: Break address BABn of channel B is included in the
break condition
1: Break address BABn of channel B is masked and is
not included in the break condition
Note: n = 31 to 0
18.2.6
Break Data Register B (BDRB)
BDRB is a 32-bit readable/writable register. BDBR selects data used for a break condition in
channel B.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0
BDB31 to
BDB 0
All 0
R/W
Break Data Bit B
Stores data which specifies a break condition in
channel B.
BDRB specifies the break data on LDB or IDB.
Notes: 1. Specify an operand size when including the value of the data bus in the break condition.
2. When the byte size is selected as a break condition, the same byte data must be set in
bits 15 to 8 and 7 to 0 in BDRB as the break data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com