| Electronic Components Datasheet Search |
|
HD6417618 Datasheet(PDF) 506 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6417618 Datasheet(HTML) 506 Page - Renesas Technology Corp |
|
506 / 646 page ![]() Section 18 User Break Controller (UBC) Rev. 6.00 Jun. 12, 2007 Page 474 of 610 REJ09B0131-0600 18.2.2 Break Address Mask Register A (BAMRA) BAMRA is a 32-bit readable/writable register. BAMRA specifies bits masked in the break address specified by BARA. Bit Bit Name Initial Value R/W Description 31 to 0 BAMA31 to BAMA 0 All 0 R/W Break Address Mask A Specify bits masked in the channel A break address bits specified by BARA (BAA31 to BAA0). 0: Break address bit BAAn of channel A is included in the break condition 1: Break address bit BAAn of channel A is masked and is not included in the break condition Note: n = 31 to 0 18.2.3 Break Bus Cycle Register A (BBRA) Break bus cycle register A (BBRA) is a 16-bit readable/writable register, which specifies (1) L bus cycle or I bus cycle, (2) instruction fetch or data access, (3) read or write, and (4) operand size in the break conditions of channel A. Bit Bit Name Initial Value R/W Description 15 to 8 — All 0 R Reserved These bits are always read as 0. The write value should always be 0. 7 6 CDA1 CDA0 0 0 R/W R/W L Bus Cycle/I Bus Cycle Select A Select the L bus cycle or I bus cycle as the bus cycle of the channel A break condition. 00: Condition comparison is not performed 01: The break condition is the L bus cycle 10: The break condition is the I bus cycle 11: The break condition is the L bus cycle |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |