Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7014 Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 131Page - Renesas Technology Corp SH7014 Datasheet HTML 132Page - Renesas Technology Corp SH7014 Datasheet HTML 133Page - Renesas Technology Corp SH7014 Datasheet HTML 134Page - Renesas Technology Corp SH7014 Datasheet HTML 135Page - Renesas Technology Corp SH7014 Datasheet HTML 136Page - Renesas Technology Corp SH7014 Datasheet HTML 137Page - Renesas Technology Corp SH7014 Datasheet HTML 138Page - Renesas Technology Corp SH7014 Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 754 page
background image
8. Bus State Controller (BSC)
Rev.5.00 Sep. 27, 2007 Page 101 of 716
REJ09B0398-0500
Section 8 Bus State Controller (BSC)
8.1
Overview
The bus state controller (BSC) divides up the address spaces and outputs control for various types
of memory. This enables memories like DRAM, SRAM, and ROM to be linked directly to the LSI
without external circuitry.
8.1.1
Features
The BSC has the following features:
• Address space is divided into five spaces
⎯ A maximum linear 2 Mbytes for CS0 address space in modes with on-chip ROM enabled,
and a maximum linear 4 Mbytes in modes with on-chip ROM disabled
⎯ A maximum linear 4 Mbytes for each of address spaces CS1, CS2, and CS3
⎯ A maximum linear 16 Mbytes for DRAM dedicated space
⎯ Bus width can be selected for each space (8 or 16 bits)
⎯ Wait states can be inserted by software for each space
⎯ Wait states can be inserted via the WAIT pin in external memory space accesses
⎯ Outputs control signals for each space according to the type of memory connected
• On-chip ROM/RAM interfaces
⎯ On-chip RAM access of 32 bits in 1 state
⎯ On-chip ROM access of 32 bits in 1 state
• Direct interface to DRAM
⎯ Multiplexes row/column addresses according to DRAM capacity
⎯ Supports high-speed page mode and RAS down mode
• Access control for each type of memory, peripheral LSI
⎯ Address/data multiplex function
• Refresh
⎯ Supports CAS-before-RAS refresh (auto-refresh) and self-refresh
• Refresh counter can be used as an interval timer
⎯ Interrupt request generated upon compare match (CMI interrupt request signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com