Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7014 Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 133Page - Renesas Technology Corp SH7014 Datasheet HTML 134Page - Renesas Technology Corp SH7014 Datasheet HTML 135Page - Renesas Technology Corp SH7014 Datasheet HTML 136Page - Renesas Technology Corp SH7014 Datasheet HTML 137Page - Renesas Technology Corp SH7014 Datasheet HTML 138Page - Renesas Technology Corp SH7014 Datasheet HTML 139Page - Renesas Technology Corp SH7014 Datasheet HTML 140Page - Renesas Technology Corp SH7014 Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 754 page
background image
8. Bus State Controller (BSC)
Rev.5.00 Sep. 27, 2007 Page 103 of 716
REJ09B0398-0500
8.1.3
Pin Configuration
Table 8.1 shows the bus state controller pin configuration.
Table 8.1
Pin Configuration
Signal
I/O
Description
A21 to A0
O
Address output (A21 to A18 become input ports in power-on reset)
D15 to D0
I/O
16-bit data bus. D15-D0 are address output and data I/O during
address/data multiplex I/O.
CS0 to CS3
O
Chip select
RD
O
Strobe that indicates the read cycle for ordinary space/multiplex I/O. Also
output during DRAM access.
WRH
O
Strobe that indicates a write cycle to the higher byte (D15 to D8) for
ordinary space/multiplex I/O. Also output during DRAM access.
WRL
O
Strobe that indicates a write cycle to the lower byte (D7 to D0) for ordinary
space/multiplex I/O. Also output during DRAM access.
RDWR
O
Strobe indicating a write cycle to DRAM (used for DRAM space)
RAS
O
RAS signal for DRAM (used for DRAM space)
CASH
O
CAS signal when accessing the higher byte (D15 to D8) of DRAM (used
for DRAM space)
CASL
O
CAS signal when accessing the lower byte (D7 to D0) of DRAM (used for
DRAM space)
AH
O
Signal to hold the address during address/data multiplex
WAIT
I
Wait state request signal
8.1.4
Register Configuration
The BSC has eight registers. These registers are used to control wait states, bus width, and
interfaces with memories like DRAM, SRAM, and ROM, as well as refresh control. The register
configurations are listed in table 8.2.
All registers are 16 bits. Do not access DRAM space before completing the memory interface
settings. All BSC registers are all initialized by a power-on reset. Values are maintained in standby
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com