Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7014 Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 143Page - Renesas Technology Corp SH7014 Datasheet HTML 144Page - Renesas Technology Corp SH7014 Datasheet HTML 145Page - Renesas Technology Corp SH7014 Datasheet HTML 146Page - Renesas Technology Corp SH7014 Datasheet HTML 147Page - Renesas Technology Corp SH7014 Datasheet HTML 148Page - Renesas Technology Corp SH7014 Datasheet HTML 149Page - Renesas Technology Corp SH7014 Datasheet HTML 150Page - Renesas Technology Corp SH7014 Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 754 page
background image
8. Bus State Controller (BSC)
Rev.5.00 Sep. 27, 2007 Page 113 of 716
REJ09B0398-0500
Bits 11 to 8
⎯CS2 Space Wait Specification (W23, W22, W21, W20): Specifies the number of
waits for CS2 space access.
Bit 11
W23
Bit 10
W22
Bit 9
W21
Bit 8
W20
Description
0
0
0
0
No wait (external wait input disabled)
0
0
0
1
1 wait external wait input enabled
⋅⋅⋅
1
1
1
1
15 wait external wait input enabled
(initial value)
Bits 7 to 4
⎯CS1 Space Wait Specification (W13, W12, W11, W10): Specifies the number of
waits for CS1 space access.
Bit 7
W13
Bit 6
W12
Bit 5
W11
Bit 4
W10
Description
0
0
0
0
No wait (external wait input disabled)
0
0
0
1
1 wait external wait input enabled
⋅⋅⋅
1
1
1
1
15 wait external wait input enabled
(initial value)
Bits 3 to 0
⎯CS0 Space Wait Specification (W03, W02, W01, W00): Specifies the number of
waits for CS0 space access.
Bit 3
W03
Bit 2
W02
Bit 1
W01
Bit 0
W00
Description
0
0
0
0
No wait (external wait input disabled)
0
0
0
1
1 wait external wait input enabled
⋅⋅⋅
1
1
1
1
15 wait external wait input enabled
(initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com